Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 4 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 4 Page - Micross Components

  AS8FLC2M32 Datasheet HTML 1Page - Micross Components AS8FLC2M32 Datasheet HTML 2Page - Micross Components AS8FLC2M32 Datasheet HTML 3Page - Micross Components AS8FLC2M32 Datasheet HTML 4Page - Micross Components AS8FLC2M32 Datasheet HTML 5Page - Micross Components AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
4
The AUTOMATIC SLEEP mode is independent of the CSx\,
WEx\ and OE\ control signals. Standard address access
timings provide new data when addresses are changed. While
in sleep mode, output data is latched and always available to
the system. ICC5 in the “DC Characteristics Table represents
the AUTOMATIC SLEEP mode current usage.
RESET\: Hardware Reset Pin
The RESET\ pin provides a hardware method of resetting
the device to reading array data. When the RESET\ pin is
driven low for at least a period of tRP, the device immediately
terminates any operation in progress, tristates all output pins,
and ignores all READ/WRITE commands for the duration of the
RESET\ pulse. The device also resets the internal state machine
to reading array data. The operation that was interrupted
should be reinitiated once the device is ready to accept another
command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET\ pulse.
When RESET\ is held at VSS+/-0.3v, the device draws CMOS
STANDBY current (ICC4). If RESET\ is held at VIL but not
within the limits of VCC +/- 0.3v, the MCM Array will be in
STANDBY, but current limits will be higher than those listed
under ICC4.
The RESET\ pin may be tied to the system reset circuitry. A
system reset would thus also reset the FLASH array, enabling
the system to read the boot-up firmware code from the boot
block area of the memory.
Program and Erase Operation Status
During an ERASE or PROGRAM operation, the system may
check the status of the operation by reading the status bits on
each of the seven data I/O bits within each byte of the MCM
FLASH array. Standard READ cycle timings and ICC read
specifications apply. Refer to “Write Operation Status” for
more information, and to “AC Characteristics” for timing
specifications.
Standby Mode
When the system is not READING or WRITING to the device,
it can place the device in the standby mode to save on power
consumption.
The device enters the CMOS STANDBY mode when the CSx\
and RESET\ pins are held at VCC+/-0.3v. If CSx\ and RESET\
are held at VIH, but not within VCC+/-0.3v, the device will
be in STANDBY mode but at levels higher than achievable in
full CMOS STANDBY. The device requires standard access
time (tCE) for read access when the device is in either of these
STANDBY modes, before it is ready to READ data.
If the device is deselected during ERASURE or
PROGRAMMING, the device draws active current until the
operation is completed.
In the DC Characteristics table, ICC3 and ICC4 represent the
STANDBY MODE currents.
Automatic Sleep Mode
The AUTOMATIC SLEEP mode minimizes FLASH device
energy consumption. The device automatically enables this
mode when addresses remain stable for tACC + 30ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com