Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 5 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 5 Page - Micross Components

  AS8FLC2M32 Datasheet HTML 1Page - Micross Components AS8FLC2M32 Datasheet HTML 2Page - Micross Components AS8FLC2M32 Datasheet HTML 3Page - Micross Components AS8FLC2M32 Datasheet HTML 4Page - Micross Components AS8FLC2M32 Datasheet HTML 5Page - Micross Components AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
5
Autoselect Code Table
PROGRAM or ERASE operation is not executing, the RESET
operation is completed within a time of tREADY. The system
can read data tRH after the RESET\ pin returns to VIH.
Refer to the “AC Characteristics” tables for RESET\
parameters.
Output Disable Mode
When the OE\ input is at VIH, output from the device is
disabled. The output pins are placed in the high Impedance
State.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification through
identifier codes output via the appropriate Byte DQ’s. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the
command register.
When using programming equipment (modified to support
multi-byte devices, or supplied from the programming
equipment provider as such), the autoselect mode requires
VID (11.5v to 12.5v) on address pin A9. Address pins A6,
A1, and A0 must be as shown in the Autoselect Table below.
In addtion, when verifying sector protection, the sector address
must appear on the appropriate highest order address bits. When
all necessary bits have been set as required, the programming
equipment may then read the corresponding identifier code on
the appropriate Byte DQ’s.
To access the autoselect codes in-system, the host system can
issue the autoselect command via the command register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com