Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 2 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 2 Page - Micross Components

  AS8FLC2M32 Datasheet HTML 1Page - Micross Components AS8FLC2M32 Datasheet HTML 2Page - Micross Components AS8FLC2M32 Datasheet HTML 3Page - Micross Components AS8FLC2M32 Datasheet HTML 4Page - Micross Components AS8FLC2M32 Datasheet HTML 5Page - Micross Components AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
2
The device requires only a single 3.3volt power supply for
both READ and WRITE operations. Internally generated and
regulated voltages are provided for the program and erase
functions.
The device is entirely command set compatible with the
JEDEC SINGLE POWER FLASH STANDARD. Com-
mands are written to the command register using standard
microprocessor write timings. Register contents serve as
input to an internal state-machine that controls the erase and
programming circuitry. Write cycles also internally latch
addresses and data required for the programming or erase
function(s). Reading data out of the array is similar to reading
from other electrically programmable devices.
Device programming occurs by executing the program
command sequence.
This initiates the EMBEDDED
PROGRAM algorithm that automatically times the WRITE
PULSE widths and cycle and verifies each cell for proper
cell margins. The UNLOCK BYPASS mode facilitates faster
programming times by requiring only two WRITE cycles to
program data instead of four.
Device erasure occurs by executing the erase command
sequence. This initiates the Embedded Erase algorithm, an
internal algorithm that automatically pre-programs the array
before executing the erase operation. During erasure, the
device automatically times the erase pulse widths and verifies
proper cell margin.
The host system can detect whether a program or erase
operation is complete by reading the DQ7 (Data\ Polling) and
DQ6 (toggle) STATUS BITS. After a program or erase cycle
has been completed, the device is ready to read array data or
accept another command.
The SECTOR ERASE ARCHITECTURE allows memory
sectors to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully erased when
shipped from Micross.
Hardware data protection measures include a low VCC
detector that automatically inhibits WRITE operations during
power transitions. The hardware sector protection features
disables both program and erase operation in any combination
of the sectors of memory. This can be achieved in-system or
via specially adapted commercial programming equipment.
The ERASE SUSPEND feature enables the user to put erase
on hold for any period of time to read data from, or program
data to, any sector which is not selected for erasure. True
BACKGROUND ERASE can thus be achieved.
The HARDWARE RESET\ PIN terminates any operation
in progress and resets the internal state machine to a READ
operation. The RESET\ pin may be tied to the system reset
circuitry.
LOGIC DIAGRAM (Byte)
1M x 8
1M x 8
1M x 8
1M x 8
RESET\
OE\
A0-Ax
WE1\
WE2\
WE3\
WE4\
CS1\
CS2\
CS3\
CS4\
BLOCK DIAGRAM
I/O0-7
I/O8-15
I/O16-23
I/O24-31
68-Ld. CQFP, Package "QT"
1M x 8
1M x 8
1M x 8
1M x 8
RESET\
OE\
A0-Ax
WE\
CS1\
CS2\
CS3\
CS4\
BLOCK DIAGRAM
I/O0-7
I/O8-15
I/O16-23
I/O24-31
66-Ld. HIP, Package "H"
P
2
2
2
2
2
2
2
2
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
GND
VCC
RESET\
WEx\
RY/BY\
CSx\
X-Decoder
DQ (byte)
OE\
A0-Ax
Y-Decoder
State
Control
Command
Register
VCC Detector
Timer
PGM Voltage
Generator
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
I/O Buffers
Data Latch
Erase Voltage
Generator
Sector
Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com