Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 23 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 23 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components AS8FLC2M32 Datasheet HTML 21Page - Micross Components AS8FLC2M32 Datasheet HTML 22Page - Micross Components AS8FLC2M32 Datasheet HTML 23Page - Micross Components AS8FLC2M32 Datasheet HTML 24Page - Micross Components AS8FLC2M32 Datasheet HTML 25Page - Micross Components AS8FLC2M32 Datasheet HTML 26Page - Micross Components AS8FLC2M32 Datasheet HTML 27Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
23
Sector Protect: 150 μs
Sector Unprotect: 15 ms
1 μs
RESET#
SA, A6,
A1, A0
Data
CE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VID
VIH
Sector Protect / Unprotect Timing Diagram
Alternate CE# Controlled Erase/Program Operations
JEDEC
Std
70
90
100
120
tAVAV
tWC
70
90
100
120 ns
tAVEL
tAS
ns
tELAX
tAH
ns
tDVEH
tDS
35
40
45
45
ns
tEHDX
tDH
ns
tOES
ns
tGHEL
tGHEL
ns
tWLEL
tWS
ns
tEHWH
tWH
ns
tELEH
tCP
ns
tEHEL
tCPH
ns
tSR/W
Latency Between Read and Write Operations
ns
tWHWH1
tWHWH1
Programming Operation
2
Byte
μs
tWHWH2
tWHWH2
sec
Notes:
1. Not 100% Tested
2. See Erase and Programming Performance
Data Setup Time
35
Unit
Typ
Parameter
Min
Read Recovery Time Before Write
(OE#
High to WE# Low)
Write Cycle Time
1
Address Setup Time
Address Hold Time
Description
Speed Options
30
20
5
Data Hold Time
Output Enable Setup Time
WE# Setup Time
WE# Hold Time
CE# Pulse Width
CE# Pulse Width High
Sector Erase Operation
2
0
45
0
0
0.7
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com