Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 15 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 15 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
15
The remaining scenario is that the system initially determines
that the toggle bit is toggling and DQ5, 13, 21, and or DQ29
has not gone High. The system may continue to monitor the
toggle bit and DQ5, 13, 21, and or DQ29 through successive
READ cycles, determining the status as described in the
previous paragraph. Alternatively, it may choose to perform
other system tasks. In this case, the system must start at the
beginning of the Algorithm when it returns to determine the
status of the operation.
READ(#1) Byte
Data from Byte1, 2,
3 and or 4
Start
Toggle Bit =
Toggle?
NO
YES
READ(#2) Byte
Data from Byte1, 2,
3 and or 4
DQ5, 13, 21
and or DQ29 =
"1"
NO
YES
READ(#1) Byte
Data from Byte1, 2,
3 and or 4
READ(#2) Byte
Data from Byte1, 2,
3 and or 4
Toggle Bit =
Toggle?
Operation Not
Complete, WRITE
RESET Command
PROGRAM/
ERASE Complete
NO
YES
Toggle Bit Algorithm Diagram
DQ5,13,21,and or DQ29: Exceeding Timing
Limits
DQ5, 13, 21, and or DQ29 indicates whether the PROGRAM
or ERASE time has exceeded a specified internal pulse count
limit. Under these conditions this will produce a logic level “1”
High. This is a failure condition that indicates the PROGRAM
or ERASE cycle was not successfully completed.
The DQ5, 13, 21 and or DQ29 failure condition may appear
if the system tries to PROGRAM a “1” to a location that was
previously PROGRAMMED to a logic level “0” Low. Only an
ERASE operation can change a logic level “0” back to a Logic
Level “1”. Under this condition, the device halts operation and
when the operation has exceeded the timing limits, DQ5, 13,
21, and or DQ29 will produce a logic level “1”.
Under both of these conditions, the system must issue the
RESET command to return to reading array data.
DQ3, 11, 19, and or DQ27: Sector Erase Timer
After WRITING a Sector Erase command sequence, the
system may read this status bit or bits to determine whether or
not an ERASE operation has begun. If additional sectors are
selected for ERASURE, the entire time-out also applies after
each additional Sector Erase command. When the time-out
is complete, this status bit or bits changes from a logic level
“0” to “1”. The system may ignore this status bit if the system
can guarantee that the time between additional Sector Erase
command will always be less than 50us.
After the Sector Erase command sequence is WRITTEN, the
system should read the status on DQ7, 15, 23 and or DQ31
(Data\ Polling) or DQ6, 14, 22, and or DQ30 (Toggle Bit I) to
ensure the device has accepted the command sequence. Then
READ DQ3, 11, 19 and or DQ27, looking for this bit or bits to
be a logic level “1”. If this bit is a logic level “1”, the internally
controlled ERASE cycle has begun; all further commands are
ignored until the ERASE operation is complete. If this bit is a
logic level “0”, the device will accept additional Sector Erase
commands. To ensure the command has been accepted, the
system software should check the status of DQ3, 11, 19 and or
DQ27 prior to and following each subsequent Sector Erase com-
mand. If this bit or bits is a logic level “1” on the second status
check, the last command might not have been accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com