Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 18 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 18 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components AS8FLC2M32 Datasheet HTML 21Page - Micross Components AS8FLC2M32 Datasheet HTML 22Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
18
JEDEC
Std
70
90
100
120
tAVAV
tRC
Min
70
90
100
120
tAVQV
tACC
CE# = VIL
OE# = VIL
Max
70
90
100
120
tELQV
tCE
OE# = VIL
Max
70
90
100
120
tGLQV
tOE
Max
30353540
tEHQZ
tDF
Max
tGHQZ
tDF
Max
tSR/W
Min
Read
Min
Toggle and Data# Polling
Min
tAXQX
tOH
Min
16
16
20
0
10
0
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First
1
Read Cycle Time
1
Address to Output Delay
Chip Enable to Output Delay
Output Enable to Output Delay
Chip Enable to Output High Z
1
Output Enable to Output High Z
1
Latency Between Read and Write Operations
Speed Options
Unit
Test Setup
Parameter
tOEH
Output Enable Hold Time
1
Description
ns
READ Operations
Notes:
1. Not 100% Tested
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
RESET#
tDF
tSR/W
tOH
READ Operations Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com