Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 13 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 13 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 9Page - Micross Components AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
13
Command Definition Table
*Data is for single byte.
BYTE 1 = DQ0 - DQ7
BYTE 2 = DQ8 - DQ15
BYTE 3 = DQ16 - DQ23
BYTE 4 = DQ24 - DQ31
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1RA
RD
Reset (Note 6)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
1
Device ID, Btm. Boot
4
AAA
AA
555
55
AAA
90
X01
37
Sector Protect Verify
4
AAA
AA
555
55
AAA
90
(SA)
0
(Note 8)
X04
1
4
AAA
AA
555
55
AAA
A0
PA
PD
3
AAA
AA
555
55
AAA
20
2
XXX
A0
PA
PD
2
XXX
90
XXX
0
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
1
XXX
B0
1
XXX
30
Legend:
X= Don't Care
RA = Address of the memory location to be read
RD = Data read from location RA during read operation
PA = Address of the memory location to be programmed. Addresses latched on the falling edge of the Wex\ or Cex\ pulse, whichever occurs later.
PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever occurs later.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A20-A13 uniquely select any sector.
Notes:
1.See Table 1 for Valid Bus Operations.
2.All values in hexadecimal.
3.Except when reading array or autoselect data, all bus cycles are write operations
4.Data bits A20-A11 are don’t cares for unlock and command cycles
5.No unlock or command cycles required when reading array data.
6.The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ% goes high (while the device is providing status data).
7.The fourth cycle of the autoselect command sequence is a read cycle
8.The data is 00h for an unprotected sector and 01h for a protected sector.
9.The Unlock Bypass command is required prior to the Unlock Bypass Program command.
10.The Unlock Bypass Reset command is required to return to reading array data when the device is in the unlock bypass mode.
11. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase operation.
12. The Erase Resume command is valid only during the Erase Suspend mode.
Bus Cycles (Notes 2-4)
(Note 9)
Command Sequence
(Note 1)
First
Second
Third
Fourth
Fifth
Sixth
Erase Suspend (Note 11)
Erase Resume (Note 12)
Auto-Select
(Note 7)
Unlock Bypass Reset
(Note 10)
Chip Erase
Sector Erase
Program
Unlock Bypass
Unlock Bypass Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com