Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 17 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 17 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components AS8FLC2M32 Datasheet HTML 21Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
17
DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Max
Units
Notes
ILI
Input Load Current
Vin=Vss to Vcc, Vcc=Vcc MAX
+/- 5.0
uA
ILIT
A9 Input Load Current
Vcc=Vcc Ma,; A9=12.5v
160.0
uA
ILO
Output Leakage Current
VOUT=VSS to VCC, VCC=VCC MAX
+/-5.0
uA
14Mhz
120
mA
1,2
8Mhz
70
mA
1,2
VCC Standby Current During
Reset
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7xVCC VCC+0.3
V
Voltage for Autoselect and
Temporary Sector Unprotect
VOL
Output Low Voltage
IOL=4.0mA, VCC=VCC MIN
0.45
V
VOH1
IOH=-2.0mA, VCC=VCC MIN
2.4
VOH2
IOH=-100uA, VCC=VCC MIN
VCC-0.4
VLKO
Low VCC Lock-Out Voltage
2.3
2.5
V
4
Notes:
[1]
The ICC current listed is typically less than 8mA/Mhz, with OE\ at VIH
[2]
Maximum ICC specifications are tested with VCC=VCC MAX
[3]
ICC active while Embedded Program or Embedded Erase Algorithm is in progress
[4]
Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30ns
[5]
Not 100% Tested
uA
VID
11.5
12.5
V
RESET\=VCC +/- 0.3v
VIH=VCC +/- 0.3v, VIL=VSS +/- 0.3v
Automatic Sleep Mode
2,3,5
2
2
2,4
mA
uA
uA
ICC2
ICC3
ICC4
ICC5
ICC1
CE\=VIL, OE\=VIH
Vcc Active Read Current
Ouput High Voltage
VCC Standby Current
140
150
150
150
VCC=3.3v
CE\=VIL, OE\=VIH
VCC Active Write Current
CE\, RESET\=VCC +/- 0.3V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com