Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32 Datasheet(PDF) 14 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 14 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
14
DQ7, DQ15, DQ23 and DQ31 may change asynchronously
with the 7 lower order bits within each Byte, while the OEx\
pins are asserted Low.
DQ6, DQ14, DQ22 and DQ30: Toggle Bit 1
Toggle Bit 1 indicates whether an Embedded Program or Erase
Algorithm is in progress, complete, or has entered the ERASE
SUSPEND mode. Toggle Bit 1 may be read at any address
and is valid after the rising edge of the final WEx\ pulse in
the command sequence as well as during the sector ERASE
time-out.
During an Embedded Program or Erase Algorithm operation,
successive READ cycles that access any address will cause this
status indicator to toggle. When the operation is complete, the
status bit will stop toggling.
After an ERASE command sequence is WRITTEN, if all
sectors selected for ERASING are protected, the toggle bit(s)
will toggle for approximately 100uS, then will become steady
state as the device returns to READING array data. If not all
selected sectors are protected, the Embedded Erase Algorithm
will cause ERASURE of unprotected sectors, ignoring the
selected sectors that are protected.
The System can use DQ2, DQ6 of Byte 1; DQ10, DQ14 of Byte
2; DQ18, DQ22 of Byte 3; DQ26, DQ30 of Byte 4 together to
determine whether a sector is actively ERASING or is ERASE
SUSPENDED. When the device is actively ERASING the DQ6
of Byte 1; DQ14 of Byte 2; DQ22 of Byte 3 and DQ30 of Byte
4 toggles and when the devices enters ERASE SUSPEND, the
status bit returns to a steady state. However, the system must
also use DQ2 of Byte 1; DQ10 of Byte 2, DQ18 of Byte 3 and
DQ26 of Byte 4 to determine which sectors are ERASING or
ERASE SUSPENDED in each of the Bytes contained in the
Module. Alternatively DQ7, DQ15, DQ23 and DQ31 can be
used (see DQ7, DQ15, DQ23, DQ31 Data\ Polling).
If a program address falls within a protected sector, DQ6, 14,
22, and or DQ30 will toggle for approximately 1us after the
PROGRAM command sequence is WRITTEN, then returns to
READING Array data.
DQ6, 14, 22, and or DQ30 also toggles during the ERASE
SUSPEND program mode, stops toggling once the operation
is complete.
DQ2, DQ10, DQ18 and DQ26: Toggle Bit II
The “Toggle Bit II” on each of the Bytes, when used with
DQ6, 14, 22, and DQ30 indicates whether a particular sector
is actively ERASING or whether that sector is ERASE-
SUSPENDED. Toggle Bit II is valid after the rising edge of
the final WEx\ pulse in the command sequence.
DQ2, 10, 18 and or DQ26 toggles when the system READS
at addresses within those sectors that have been selected for
ERASURE, but does not indicate when a sector is being
ERASED. DQ6, 14, 22 and DQ30 by comparison indicates
that a device is actively ERASING or in ERASE SUSPEND,
but cannot distinguish which sectors are selected for the
operation, therefore both status bits are required for sector and
mode information.
Reading Toggle Bits I/II
Whenever the system initially begins READING toggle bit
statuses, it must READ Byte data (ie…DQ0-7, DQ8-15,
DQ16-23 and or DQ24-31) at least twice in a row to determine
whether a Toggle Bit is toggling. Typically, the system would
note and store the value of the toggle bit after the first READ.
After the second READ, the system would compare the new
value of the Toggle Bit with the first. If the toggle bit is not
toggling the device has completed the PROGRAM or ERASE
operation. The system can READ array data on each Byte
during the next READ cycle.
If after the initial two READ cycles, the system determines
that the toggle bit is still toggling, the system also should note
whether the value of DQ5, 13, 21 and or DQ29 is High. If
High, the system should then determine again whether the
toggle bit(s) are again toggling, since the toggle bit may have
indeed stop toggling just as DQ5, 13, 21 and or DQ29 went
High. If the toggle bit is no longer toggling, the device has
successfully completed the operation. If the toggle bit is still
active (toggling), the device has not successfully completed the
operation and the system must WRITE the RESET command
to return to READING array data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com