Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology SST25VF080B Datasheet HTML 22Page - Microchip Technology SST25VF080B Datasheet HTML 23Page - Microchip Technology SST25VF080B Datasheet HTML 24Page - Microchip Technology SST25VF080B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005045C-page 21
SST25VF080B
5.1
Power-Up Specifications
All functionalities and DC specifications are specified
for a VDD ramp rate of greater than 1V per 100 ms (0v
- 3.0V in less than 300 ms). See Table 5-7 and Figure
5-4 for more information.
FIGURE 5-4:
POWER-UP TIMING DIAGRAM
TABLE 5-7:
RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ
1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Min to Read Operation
100
µs
TPU-WRITE
1
VDD Min to Write Operation
100
µs
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
Commands may not be accepted or properly
interpreted by the device.
1296 PwrUp.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com