Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 18 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology SST25VF080B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SST25VF080B
DS20005045C-page 18
 2015 Microchip Technology Inc.
5.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 5-1:
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
TABLE 5-2:
AC CONDITIONS OF TEST1
1. See Figures 5-5 and 5-6
Input Rise/Fall Time
Output Load
5ns
CL = 30 pF
TABLE 5-3:
DC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDDR
Read Current
10
mA
CE#=0.1 VDD/0.9 VDD@25 MHz, SO=open
IDDR2
Read Current
15
mA
CE#=0.1 VDD/0.9 VDD@50 MHz, SO=open
IDDW
Program and Erase Current
30
mA
CE#=VDD
ISB
Standby Current
20
µA
CE#=VDD, VIN=VDD or VSS
ILI
Input Leakage Current
1µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOL2
Output Low Voltage
0.4
V
IOL=1.6 mA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
TABLE 5-4:
CAPACITANCE (TA = 25°C, F=1 MHz, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT
1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Output Pin Capacitance
VOUT = 0V
12 pF
CIN
1
Input Capacitance
VIN = 0V
6 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com