Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 28 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 24Page - Microchip Technology SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SST25VF080B
DS20005045C-page 28
 2015 Microchip Technology Inc.
TABLE 6-1:
REVISION HISTORY
Revision
Description
Date
00
•
Initial release of data sheet
Sep 2005
01
•
Migrated document to a Data Sheet
•
Updated Surface Mount Solder Reflow Temperature information
Jan 2006
02
•
Updated Features
•
Updated Table4-4 on page7
•
Updated “High-Speed-Read (66 MHz)” on page 8
•
Updated Table5-6 on page19
Jun 2007
03
•
Modified “Features”, “Features”, “Pin Description”, “Packaging Diagrams”,
and “Packaging Diagrams” to include the PAE package.
•
Updated Figures 4-8 and 4-9 on page 11.
Mar 2009
04
•
Added 80 MHz High Speed Clock Frequency to Features
•
Removed Maximum Frequency from Table 4-4 on page 7
•
Edited “Read (25 MHz)” on page 8 and “High-Speed-Read (66 MHz)” on
page 8.
•
Added 80 MHz information to “Electrical Specifications” on page 18
•
Edited Product Ordering Information
•
Added Valid Combinations SST25VF080B-80-4C-S2AE, SST25VF080B-
80-4I-S2AE, SST25VF080B-80-4C-QAE, and SST25VF080B-80-4I-QAE
Jan 2010
05
•
Updated “Auto Address Increment (AAI) Word-Program”, “End-of-Write
Detection”, and “Hardware End-of-Write Detection” on page 10.
•
Revised Figures 4-8 and 4-9 on page 11.
•
Updated document to new format.
•
Added SAE package drawing and SAE information
Feb 2011
A
•
Added “Power-Up Specifications” on page 21
•
Updated Table5-7 on page21
•
Released document under letter revision system
•
Updated Spec number from S71296 to DS25045
Sep 2011
B
•
EOL of all 80 MHz parts. Replacement parts are the 50 MHz counterparts
found in this document.
•
Removed all 80 MHz information. See DS20005266
•
EOL of SAE package.
•
Updated document to new format.
•
Replaced all package drawings with drawings in the new format.
Jun 2014
C
•
Corrected a typo on page 8.
Feb 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com