Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 15 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 11Page - Microchip Technology SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005045C-page 15
SST25VF080B
4.4.11
WRITE-ENABLE (WREN)
The Write-Enable (WREN) instruction sets the Write-
Enable-Latch bit in the Status Register to 1 allowing
Write operations to occur. The WREN instruction must
be executed prior to any Write (Program/Erase) opera-
tion. The WREN instruction may also be used to allow
execution of the Write-Status-Register (WRSR) instruc-
tion; however, the Write-Enable-Latch bit in the Status
Register will be cleared upon the rising edge CE# of the
WRSR instruction. CE# must be driven high before the
WREN instruction is executed.
FIGURE 4-15:
WRITE ENABLE (WREN) SEQUENCE
4.4.12
WRITE-DISABLE (WRDI)
The Write-Disable (WRDI) instruction resets the Write-
Enable-Latch bit and AAI bit to 0 disabling any new
Write operations from occurring. The WRDI instruction
will not terminate any programming operation in prog-
ress. Any program operation in progress may continue
up to TBP after executing the WRDI instruction. CE#
must be driven high before the WRDI instruction is exe-
cuted.
FIGURE 4-16:
WRITE DISABLE (WRDI) SEQUENCE
4.4.13
ENABLE-WRITE-STATUS-
REGISTER (EWSR)
The Enable-Write-Status-Register (EWSR) instruction
arms the Write-Status-Register (WRSR) instruction
and opens the status register for alteration. The Write-
Status-Register instruction must be executed immedi-
ately after the execution of the Enable-Write-Status-
Register
instruction.
This
two-step
instruction
sequence of the EWSR instruction followed by the
WRSR instruction works like SDP (software data pro-
tection) command structure which prevents any acci-
dental alteration of the status register values. CE# must
be driven low before the EWSR instruction is entered
and must be driven high before the EWSR instruction
is executed.
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1296 WREN.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1296 WRDI.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com