Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 30 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 30 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 24Page - Microchip Technology SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SST25VF080B
DS20005045C-page 30
 2015 Microchip Technology Inc.
7.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XX
XX
Operating
Device
Device:
SST25VF080B
= 8 Mbit, 2.7-3.6V, SPI Flash Memory
Operating
Frequency:
50
= 50 MHz/66MHz
Minimum
Endurance
4
= 10,000 cycles
Temperature:
I
= -40°C to +85°C
C
= 0°C to +70°C
Package:
QAF/QAE1
= WSON (6mm x 5mm Body), 8-lead
S2AF/S2AE1
= SOIC (200 mil Body), 8-lead
PAE/PAF1
= PDIP (300 mil Body), 8-lead
Tape and
Reel Flag:
T
= Tape and Reel
1. Suffix E = Matte Tin finish
Suffix F = Nickel plating with Gold top (outer) layer finish
Valid Combinations:
SST25VF080B-50-4C-S2AF
SST25VF080B-50-4C-S2AF-T
SST25VF080B-50-4I-S2AF
SST25VF080B-50-4I-S2AF-T
SST25VF080B-50-4I-S2AE
SST25VF080B-50-4I-S2AE-T
SST25VF080B-50-4C-QAF
SST25VF080B-50-4C-QAF-T
SST25VF080B-50-4I-QAF
SST25VF080B-50-4I-QAF-T
SST25VF080B-50-4I-QAE
SST25VF080B-50-4I-QAE-T
SST25VF080B-50-4C-PAE
SST25VF080B-50-4C-PAE-T
X
Tape/Reel
Indicator
Frequency
XX
Package
Temp
–
–
–
Range
Minimum
Endurance
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com