Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 19 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology SST25VF080B Datasheet HTML 22Page - Microchip Technology SST25VF080B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005045C-page 19
SST25VF080B
TABLE 5-5:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND
1
Endurance
10,000
Cycles
JEDEC Standard A117
TDR
1
Data Retention
100
Years
JEDEC Standard A103
ILTH
1
Latch Up
100 + IDD
mA
JEDEC Standard 78
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 5-6:
AC OPERATING CHARACTERISTICS
Symbol
Parameter
25 MHz
50 MHz
66 MHz1,2
1. VDD = 3.0 - 3.6 V, CL = 15 pF
2. Characterized, but not fully tested
Units
Min
Max
Min
Max
Min
Max
FCLK
3
3. Maximum clock frequency for Read Instruction, 03H, is 25 MHz
Serial Clock Frequency
25
50
66
MHz
TSCKH
Serial Clock High Time
18
9
7
ns
TSCKL
Serial Clock Low Time
18
9
7
ns
TSCKR
4
4. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
Serial Clock Rise Time (Slew
Rate)
0.1
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew
Rate)
0.1
0.1
0.1
V/ns
TCES
5
5. Relative to SCK.
CE# Active Setup Time
10
5
4
ns
TCEH
5
CE# Active Hold Time
10
5
4
ns
TCHS
5
CE# Not Active Setup Time
10
5
4
ns
TCHH
5
CE# Not Active Hold Time
10
5
4
ns
TCPH
CE# High Time
100
50
100
ns
TCHZ
CE# High to High-Z Output
15
8
6
ns
TCLZ
SCK Low to Low-Z Output
000
ns
TDS
Data In Setup Time
522
ns
TDH
Data In Hold Time
553
ns
THLS
HOLD# Low Setup Time
10
5
4
ns
THHS
HOLD# High Setup Time
10
5
4
ns
THLH
HOLD# Low Hold Time
10
5
4
ns
THHH
HOLD# High Hold Time
10
5
4
ns
THZ
HOLD# Low to High-Z Output
20
8
8
ns
TLZ
HOLD# High to Low-Z Output
15
8
8
ns
TOH
Output Hold from SCK Change
000
ns
TV
Output Valid from SCK
15
8
6
ns
TSE
Sector-Erase
25
25
25
ms
TBE
Block-Erase
25
25
25
ms
TSCE
Chip-Erase
50
50
50
ms
TBP
Byte-Program
10
10
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com