Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005045C-page 17
SST25VF080B
4.4.16
READ-ID (RDID)
The Read-ID instruction (RDID) identifies the devices
as SST25VF080B and manufacturer as Microchip. This
command is backward compatible and should be used
as default device identification when multiple versions
of SPI Serial Flash devices are used in a design. The
device information can be read from executing an 8-bit
command, 90H or ABH, followed by address bits [A23-
A0]. Following the Read-ID instruction, the manufac-
turer’s ID is located in address 00000H and the device
ID is located in address 00001H. Once the device is in
Read-ID mode, the manufacturer’s and device ID out-
put data toggles between address 00000H and 00001H
until terminated by a low to high transition on CE#.
Refer to Tables 4-5 and 4-6 for device identification
data.
FIGURE 4-19:
READ-ID SEQUENCE
TABLE 4-6:
PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF080B
00001H
8EH
0 25045
1265 RdID.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB
Note: The manufacturer’s and device ID output stream is continuous until terminated by a low-to-high transition on
CE#.
Device ID = 8EH for SST25VF080B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com