Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SST25VF080B
DS20005045C-page 16
 2015 Microchip Technology Inc.
4.4.14
WRITE-STATUS-REGISTER (WRSR)
The Write-Status-Register instruction writes new val-
ues to the BP3, BP2, BP1, BP0, and BPL bits of the sta-
tus register. CE# must be driven low before the
command sequence of the WRSR instruction is
entered and driven high before the WRSR instruction is
executed. See Figure 4-17 for EWSR or WREN and
WRSR instruction sequences.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to “1”.
When the WP# is low, the BPL bit can only be set from
“0” to “1” to lock-down the status register, but cannot be
reset from “1” to “0”. When WP# is high, the lock-down
function of the BPL bit is disabled and the BPL, BP0,
and BP1 and BP2 bits in the status register can all be
changed. As long as BPL bit is set to 0 or WP# pin is
driven high (VIH) prior to the low-to-high transition of the
CE# pin at the end of the WRSR instruction, the bits in
the status register can all be altered by the WRSR
instruction. In this case, a single WRSR instruction can
set the BPL bit to “1” to lock down the status register as
well as altering the BP0, BP1, and BP2 bits at the same
time. See Table 4-1 for a summary description of WP#
and BPL functions.
FIGURE 4-17:
ENABLE-WRITE-STATUS-REGISTER (EWSR) OR WRITE-ENABLE (WREN) AND
WRITE-STATUS-REGISTER (WRSR) SEQUENCE
4.4.15
JEDEC READ-ID
The JEDEC Read-ID instruction identifies the device as
SST25VF080B and the manufacturer as Microchip.
The device information can be read from executing the
8-bit command, 9FH. Following the JEDEC Read-ID
instruction, the 8-bit manufacturer’s ID, BFH, is output
from the device. After that, a 16-bit device ID is shifted
out on the SO pin. Byte 1, BFH, identifies the manufac-
turer as Microchip. Byte 2, 25H, identifies the memory
type as SPI Serial Flash. Byte 3, 8EH, identifies the
device as SST25VF080B. The instruction sequence is
shown in Figure 4-18. The JEDEC Read ID instruction
is terminated by a low to high transition on CE# at any
time during data output.
FIGURE 4-18:
JEDEC READ-ID SEQUENCE
1296 EWSR.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
TABLE 4-5:
JEDEC READ-ID DATA
Manufacturer’s ID
Device ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
8EH
25
8E
1296 JEDECID.1
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com