Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 10 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 6Page - Microchip Technology SST25VF080B Datasheet HTML 7Page - Microchip Technology SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology SST25VF080B Datasheet HTML 10Page - Microchip Technology SST25VF080B Datasheet HTML 11Page - Microchip Technology SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SST25VF080B
DS20005045C-page 10
 2015 Microchip Technology Inc.
4.4.6
HARDWARE END-OF-WRITE
DETECTION
The Hardware End-of-Write detection method elimi-
nates the overhead of polling the Busy bit in the Soft-
ware Status Register during an AAI Word program
operation. The 8-bit command, 70H, configures the
Serial Output (SO) pin to indicate Flash Busy status
during AAI Word programming. (see Figure 4-6) The 8-
bit command, 70H, must be executed prior to initiating
an AAI Word-Program instruction. Once an internal
programming operation begins, asserting CE# will
immediately drive the status of the internal flash status
on the SO pin. A ‘0’ indicates the device is busy and a
‘1’ indicates the device is ready for the next instruction.
De-asserting CE# will return the SO pin to tri-state.
While in AAI and Hardware End-of-Write detection
mode, the only valid instructions are AAI Word (ADH)
and WRDI (04H).
To exit AAI Hardware End-of-Write detection, first exe-
cute WRDI instruction, 04H, to reset the Write-Enable-
Latch bit (WEL=0) and AAI bit. Then execute the 8-bit
DBSY command, 80H, to disable RY/BY# status during
the AAI command. See Figures 4-7 and 4-8.
FIGURE 4-6:
ENABLE SO AS HARDWARE RY/BY# DURING AAI PROGRAMMING
FIGURE 4-7:
DISABLE SO AS HARDWARE RY/BY# DURING AAI PROGRAMMING
CE#
SO
SI
SCK
01 2 3 4 5 6 7
70
HIGH IMPEDANCE
MODE 0
MODE 3
1296 EnableSO.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
80
HIGH IMPEDANCE
MODE 0
MODE 3
1296 DisableSO.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com