Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 39 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 39 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 37Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 38Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 39Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 40Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 41Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 42Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 39 of 44
Data Sheet
Rev. 009
Nov/15
9
TX/RX Combining Network
9.1
Board Component List (Fig. 19)
Part
Size
Value @
315
MHz
Value @
433.92
MHz
Value @
868.3
MHz
Value @
915
MHz
CRX0
0603
100 pF
100 pF
100 pF
100 pF
CTX0
0603
10 pF
10 pF
10 pF
10 pF
CTX1
0603
10 pF
6.8 pF
5.6 pF
4.7 pF
CTX2
0603
10 pF
6.8 pF
3.9 pF
3.9 pF
CTX4
0603
12 pF
4.7 pF
2.2 pF
1.8 pF
LRX2
0603
82 nH
56 nH
15 nH
15 nH
LTX0
0603
15 nH
15 nH
3.9 pF
3.9 nH
LTX1
0603
33 nH
33 nH
10 nH
10 nH
CB2
0603
330 pF
330 pF
330 pF
330 pF
No TX/RX switch required
Direct connection to
/4 antenna possible
Fig. 19: Combining network schematic
9.2
Typical LNA S-Parameters in Receive Mode
Low Gain Mode
Frequency
Re[S11]
Im[S11]
Re[S12]
Im[S12]
Re[S21]
Im[S21]
Re[S22]
Im[S22]
27 MHZ
0.9138
-0.0145
6.06E-005
4.27E-004
-0.4172
0.0334
0.9986
-0.0095
40 MHz
0.9139
-0.0229
5.53E-005
6.73E-004
-0.4092
0.0400
0.9984
-0.0136
80 MHz
0.9126
-0.0481
5.36E-005
1.48E-004
-0.3989
0.0581
0.9979
-0.0265
170 MHz
0.9054
-0.1026
7.44E-004
3.25E-003
-0.3828
0.1056
0.9966
-0.0558
315 MHz
0.8836
-0.1814
2.16E-004
6.21-E003
-0.3300
0.1798
0.9926
-0.1033
433 MHz
0.8622
-0.2625
7.81E-004
6.34E-003
-0.3248
0.2168
0.9870
-0.1417
868 MHz
0.7161
-0.4577
2.35E-003
1.09E-003
-0.1265
0.3187
0.9543
-0.2829
915 MHz
0.6975
-0.4753
2.24E-003
1.10E-003
-0.1062
0.3206
0.9494
-0.2980
Note:
input and output of the LNA are connected to 50
 ports without matching elements
High Gain Mode
Frequency
Re[S11]
Im[S11]
Re[S12]
Im[S12]
Re[S21]
Im[S21]
Re[S22]
Im[S22]
27 MHZ
0.8417
-0.0151
1.36E-004
8.63E-005
-4.0840
0.1272
0.9994
-0.0092
40 MHz
0.8424
-0.0276
1.42E-004
1.07E-004
-4.0840
0.2055
0.9994
-0.0135
80 MHz
0.8403
-0.0621
1.52E-004
1.83E-004
-4.0630
0.4338
0.9991
-0.0269
170 MHz
0.8273
-0.1344
1.86E-004
3.72E-003
-3.9550
0.9279
0.9977
-0.0571
315 MHz
0.7884
-0.2328
4.02E-004
7.04E-003
-3.5100
1.6990
0.9846
-0.1072
433 MHz
0.7492
-0.3405
1.51E-004
6.18E-003
-3.4700
1.9920
0.9839
-0.1439
868 MHz
0.5007
-0.5322
2.36E-004
1.06E-003
-1.6710
3.2230
0.9501
-0.2847
915 MHz
0.4714
-0.5440
1.94E-004
1.06E-003
-1.4690
3.2700
0.9451
-0.2995
Note:
input and output of the LNA are connected to 50
 ports without matching elements
LTX0
CTX0
CB2
CTX4
LRX2
CRX0
LTX1
CTX1
RF input
RF output
CTX2
50
OUT_PA
IN_LNA
26
25
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com