Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 6 of 44
Data Sheet
Rev. 009
Nov/15
2
Pin Definitions and Descriptions
Pin No.
Name
I/O Type
Functional Schematic
Description
1
IN_IFA
input
IF amplifier input, approx.
2 k
 single-ended
2
VCC_IF
supply
positive supply of LNA, MIX,
IFA, FSK Demodulator, PA,
OA1 and OA2
3
IN_DEM
analog I/O
IF amplifier output and de-
modulator input, connection
to external ceramic discrimi-
nator or LC tank
4
INT2/PDO
output
OA2 output or peak detector
output, high impedance in
transmit and idle mode
5
INT1
input
inverting inputs of OA1 and
OA2
6
OUT_DEM analog I/O
demodulator output and
non-inverting OA1 input,
high impedance in transmit
and idle mode
7
RSSI
output
RSSI output, approx. 31 k
50
IN_IFA
1
VCC
VCC
140µA
VEE
VEE
2.2k
VCC
VEE
IN_DEM
3
10µA
VCC
VEE
100µA
90k
60k
1.5p
VCC
VEE
INT2/PDO
4
OA2
bias
VEE
VCC
INT1
5
OUT_DEM
6
VCC
120
VEE
VCC
10p
1k
10p
OA1
+
200k
VCC
VEE
RSSI
7
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com