Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 7 of 44
Data Sheet
Rev. 009
Nov/15
Pin No.
Name
I/O Type
Functional Schematic
Description
8
OUT_DTA
output
OA1 output, high impedance
in transmit and idle mode
9
VEE_RO
ground
ground of RO
10
RO
analog I/O
RO input, base of bipolar
transistor
11
FSK_SW
analog I/O
FSK pulling pin, switch to
ground or OPEN
The switch is open in re-
ceive and idle mode
12
IN_DTA
input
ASK/FSK modulation data
input, pull down resistor
120k
13
ASK/FSK
input
ASK/FSK mode select input
14
VCC_DIG
supply
positive supply of serial port
and control logic
15
RE/SCLK
input
receiver enable input / clock
input for the shift register,
pull down resistor 120k
16
TE/SDTA
input
transmitter enable input /
serial data input, pull down
resistor 120k
VCC
VEE
OUT_DTA
8
36p
VEE
VCC
RO
10
2.6µA
39k
36p
VCC
VEE
FSK_SW
11
VCC
VEE
IN_DTA
12
120k
120
VEE
VCC
ASK/FSK
13
120
VCC
VEE
120k
120
RE/SCLK
15
VCC
VEE
120k
120
TE/SDTA
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com