Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 31 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 31 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 31Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 32Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 33Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 34Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 31 of 44
Data Sheet
Rev. 009
Nov/15
7
Application Circuit Examples
7.1
FSK Application Circuit Programmable User Mode (internal AFC option)
Fig. 14: Test circuit for FSK operation in Programmable User Mode (internal AFC option)
FSK
output
CB7
C5
CRX0
CTX0
CB2
CF2
C4
C2
L1
CB1
C1
LTX0
CTX4
SDEN
SDTA
SCLK
CB4
RSSI
FSK
input
CB5
RP
C3
CF1
CB6
Lock
detect
C0
L0
RF
RX_IN
TX_OUT
Combining
network
3wire bus
CB0
VCC
RB1
CX2
XTAL
CX1
LX
TH71221
9
10
11
12
13
14
15
16
8
1
2
3
4
5
6
7
32L QFN 5x5
RO
FSK_SW
IN_DTA
ASK/FSK
VCC_DIG
RE/SCLK
GAIN_LNA
VEE_IF
IN_MIX
OUT_MIX
OUT_PA
OUT_LNA
VEE_LNA
IN_LNA
32
31
30
29
28
27
26
25
VEE_RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com