Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 8 of 44
Data Sheet
Rev. 009
Nov/15
Pin No.
Name
I/O Type
Functional Schematic
Description
17
FS0/SDEN
input
frequency select input / seri-
al data enable input
18
VEE_DIG
ground
ground of serial port and
control logic
19
FS1/LD
input /
output
frequency select input / lock
detector output
20
VCC_PLL analog I/O
VCO open-collector output,
connection to VCC or exter-
nal LC tank
21
TNK_LO
analog I/O
VCO open-collector output,
connection to external LC
tank
23
LF
analog I/O
charge pump output, con-
nection to external loop filter
22
VEE_PLL
ground
ground of PLL frequency
synthesizer
24
PS_PA
analog I/O
power-setting input
25
OUT_PA
output
power amplifier open-
collector output
FS0/SDEN
17
VEE
VCC
120
VEE
VCC
FS1/LD
19
120
VEE
VCC_PLL
20
VCC
VEE
VEE
VD
VCOCUR
6.3pF
VEE
TNK_LO
21
120
6.5k
VCC
LF
23
VEE
VEE
VCC
VCC
120
PS_PA
24
10µA
VEE
VEE
VCC
OUT_PA
25
1k
20p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com