Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 11 of 44
Data Sheet
Rev. 009
Nov/15
3.1.1 Reference Oscillator (XOSC)
The reference oscillator is based on a Colpitts topology with two integrated functional capacitors as shown in
figure 3. The circuitry is optimized for a load capacitance range of 10 pF to 15 pF. The equivalent input
capacitance CRO offered by the oscillator input pin RO is about 18pF.
To ensure a fast and reliable start-up and a very stable frequency
over the specified supply voltage and temperature range, the
oscillator bias circuitry provides an amplitude regulation. The am-
plitude on pin RO is monitored in order to regulate the current of
the oscillator core IRO. There are two limits ROMAX and ROMIN
between the regulation is maintained. These values can be
changed via serial control interface in Programmable User Mode
(PUM). In Stand-alone User Mode (SUM), ROMAX and ROMIN
are set to default values (refer to para. 5.1.3). ROMAX defines the
start-up current of the oscillator. The ROMIN value sets the de-
sired steady-state current. If ROMIN is sufficient to achieve an
amplitude of about 400 mV on pin RO, the current IRO will be set
to ROMIN. Otherwise the current will be permanently regulated
between ROMIN and ROMAX. If ROMIN and ROMAX are equal,
no regulation takes place. For most of the applications ROMIN
and ROMAX should not be changed from default.
Fig. 3:
Reference oscillator circuit
3.1.2 Reference Divider
The reference divider provides the input signal of the phase detector by dividing the signal of the reference
oscillator. The range of the reference divider is
1023
R
4
.
(3)
3.1.3 Feedback Divider
The feedback divider of the PLL is based on a pulse-swallow topology. It contains a 4-bit swallow A-counter,
a 13-bit program B-counter and a prescaler. The divider ratio of the prescaler is controlled by the program
counter and the swallow counter. During one cycle, the prescaler divides by 17 until the swallow A-counter
reaches its terminal count. Afterwards the prescaler divides by 16 until the program counter reaches its
terminal count. Therefore the overall feedback divider ratio can be expressed as:
A)
-
(B
16
A
17
N
.
(4)
The A-counter configuration represents the lower bits in the feedback divider register (N0-3 = A0-3) and the
upper bits the B-counter configuration (N4-16 = B0-12) respectively. According to that, the following counter
ranges are implemented:
15
A
0
;
8191
B
4
whereas
A
B
(5)
and therefore the range of the overall feedback divider ratio results in:
131071
N
64
.
(6)
The user does not need to care about the A- and B-counter settings. It is only necessary to know the overall
feedback divider ratio N to program the register settings.
3.1.4 Frequency Resolution and Operating Frequency
It is obvious from (2) that, at a given frequency resolution fR, the maximum operating frequency of the VCO is
limited by the maximum N-counter setting. The table below provides some illustrative numbers. Please also
refer to section 4.4.1 for the pre-configured settings in Stand-alone User Mode (SUM).
36pF
XTAL
RO
FSKSW
CX2
CX1
VCC
36pF
VEE
IRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com