Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 12 of 44
Data Sheet
Rev. 009
Nov/15
Crystal
frequency fRO
Frequency
resolution fR
R
counter
N
counter
Operating
frequency fVCO
3.0000MHz
2.93kHz
1023
13107
38.437MHz
3.0000MHz
2.93kHz
1023
131071
384.372MHz
8.0000MHz
12.5kHz
640
35812
447.65MHz
8.0000MHz
25kHz
320
34746
868.65MHz
8.0000MHz
250kHz
32
3660
915.0MHz
3.1.5 Phase-Frequency Detector
The phase-frequency detector creates an error voltage proportional to the phase difference between the
reference signal fR and fN. The implementation of the phase detector is a phase-frequency type. That circuitry
is very useful because it decreases the acquisition time significantly. The gain of the phase detector can be
expressed as:
π
2
I
K
CP
PD
,
(7)
where ICP is the charge pump current which is set via register CPCUR. In the TH7122 design the VCO
frequency control characteristic is with negative polarity. This means the VCO frequency increases if the loop
filter output voltage decreases and vice versa. When an external varactor diode is added to the VCO tank,
the tuning characteristic can be changed between positive and negative depending on the particular varactor
diode circuitry. Therefore the PDFPOL register can be used to define the phase detector polarity.
3.1.6 Lock Detector
In Programmable User Mode a lock-detect signal LD is available at pin FS1/LD (pin 19). The lock detection
circuitry uses Up and Down signals from the phase detector to check them for phase coherency. Figure 4
shows an overview of the lock signal generation. The locked state and the unlock condition will be decided
on the register settings of LDTM and ERTM respectively. In the start-up phase of the PLL, Up and Down
signals are quite unbalanced and counter CNT_LD receives no clock signal. When the loop approaches
steady state, the signals Up and Down begin to overlap and CNT_LD counts down. Herein register LDTM
sets the number of counts which are necessary to set the lock detection signal LD. If an unlock condition
occurs, the counter CNT_LD will be reloaded and therefore its CARRY falls back.
Fig. 4:
Lock Detection Circuit
RESET LD
Control
Logic
CNT_LD
D
CR
CARRY
LOAD
Q
R
S
LD
2
2
&
=
&
Down
Up
PFD
LDTM [1 : 0]
LOCKMODE
FRO
RO
&
ERTM [1 : 0]
CNT_ER
D
CR
CARRY
LOAD
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com