Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 16 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 16 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 16 of 44
Data Sheet
Rev. 009
Nov/15
P4
RPS / kOhm
-40.00
-30.00
-20.00
-10.00
0.00
10.00
100
10
1
20.00
315MHz
433MHz
868MHz
915MHz
3.3.2 Output Power Adjustment
The maximum output power is adjustable via
the external resistor RPS as shown in Figure
8. There are four predefined power settings
in programmable user mode which can be
set in the register TXPOWER. The maxi-
mum power setting P4 is the default setting.
Fig. 8:
Output power vs. RPS
3.3.3 Modulation Schemes
The RF carrier generated by the PLL frequency synthesizer can be ASK or FSK modulated. Depending on
the selected user mode, the modulation type can be selected either by the ASK/FSK pin or via the serial
control interface. Data is applied to pin IN_DTA. The data signal can be inverted by the bit DTAPOL. The
following tables for ASK and FSK modulation are valid for non-inverted data (DTAPOL = 0)
3.3.4 ASK Modulation
IN_DTA
Description
0
Power amplifier is turned off
1
Power amplifier is turned on
(according to the selected output power)
The transceiver is ASK-modulated by
turning on and off the power amplifier.
Please also refer to para. 1.3 for ASK
modulation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com