Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71221 Datasheet(PDF) 27 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 27 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 31Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 27 of 44
Data Sheet
Rev. 009
Nov/15
6.3
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating currents
Standby current
ISBY
Max at TA = 25 °C
0.05
0.2
µA
Max at TA = 85 °C
0.05
1.0
Idle current
Reg. BAND
IIDLE
Idle mode (RO only),
Reg. IDLESEL = 0
0.3
0.7
mA
1 (> 500 MHz)
Idle mode,
(whole PLL),
Reg. IDLESEL = 1
3.5
4.8
mA
1 (> 500 MHz)
6.3
8.0
Receive supply
current - ASK
0 (< 500 MHz)
IRXL_ASK
ASK Receive mode,
LNA @ low gain
6.1
8.2
mA
1 (> 500 MHz)
8.9
13.0
0 (< 500 MHz)
IRXH_ASK
ASK Receive mode,
LNA @ high gain
7.4
10.1
mA
1 (> 500 MHz)
10.2
14.9
Receive supply
current - FSK
0 (< 500 MHz)
IRXL_FSK
FSK Receive mode,
LNA @ low gain
6.7
9.2
mA
1 (> 500 MHz)
9.5
13.8
0 (< 500 MHz)
IRXH_FSK
FSK Receive mode,
LNA @ high gain
8.0
11.1
mA
1 (> 500 MHz)
10.8
15.7
Transmit
supply current
@ P1
0 (< 500 MHz)
IP1
Transmit mode,
Reg. TXPOWER =00,
VPS_PA = 0.3V,
continuous wave
(CW) mode
13.2
16.4
mA
1 (> 500 MHz)
17.1
20.8
Transmit
supply current
@ P2
0 (< 500 MHz)
IP2
Transmit mode,
Reg. TXPOWER =01,
VPS_PA = 0.3V,
CW mode
15.2
19.8
mA
1 (> 500 MHz)
19.1
24.5
Transmit
supply current
@ P3
0 (< 500 MHz)
IP3
Transmit mode,
Reg. TXPOWER =10,
VPS_PA = 0.3V,
CW mode
18.6
25.8
mA
1 (> 500 MHz)
22.5
31.1
Transmit
supply current
@ P4
0 (< 500 MHz)
IP4
Transmit mode,
Reg. TXPOWER =11,
VPS_PA = 0.3V,
CW mode
23.0
38.6
mA
1 (> 500 MHz)
26.9
45.2
Digital pin characteristics
Input low voltage (CMOS)
pins IN_DTA, ASK/FSK,
RE/SCLK, TE/SDTA, FS0/SDEN,
FS1/LD
VIL
VIL_FS1/LD only
in Stand-alone user
mode
-0.3
0.3*VCC
V
Input high voltage (CMOS)
pins IN_DTA, ASK/FSK,
RE/SCLK, TE/SDTA, FS0/SDEN,
FS1/LD
VIH
VIH_FS1/LD only
in Stand-alone user
mode
0.7*VCC
Vcc+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com