Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 30 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 30 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 26Page - Microchip Technology SST49LF016C Datasheet HTML 27Page - Microchip Technology SST49LF016C Datasheet HTML 28Page - Microchip Technology SST49LF016C Datasheet HTML 29Page - Microchip Technology SST49LF016C Datasheet HTML 30Page - Microchip Technology SST49LF016C Datasheet HTML 31Page - Microchip Technology SST49LF016C Datasheet HTML 32Page - Microchip Technology SST49LF016C Datasheet HTML 33Page - Microchip Technology SST49LF016C Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
©2016
DS20005029B
02/16
30
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Electrical Specifications
The AC and DC specifications for the LPC interface signals (LAD[3:0], LFRAME#, LCLCK and RST#) as
defined in Section 4.2.2.4 of the PCI local Bus specification, Rev. 2.1. Refer to Table 22 for the DC voltage and
current specifications. Refer to Table 26 through Table 28 for the AC timing specifications for Clock, Read, Write,
and Reset operations.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D.C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin (except WP#/AAI) to Ground Potential1 . . . -2.0V to VDD+2.0V
1. Do not violate processor or chipset specification regarding INIT# voltage.
Voltage on WP#/AAI Pin to Ground Potential2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 11.0V
2. The maximum DC voltage on WP#/AAI pin may reach 11V for periods <20ns.
Package Power Dissipation Capability (TA=25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature3 . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
3. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest
information.
Output Short Circuit Current4. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
4. Outputs shorted for no more than one second. No more than one output shorted at a time.
Table 20: Operating Range
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
T20.1 20005029
Table 21: AC Conditions of Test1
1. See Figures 15 and 16
Input Rise/Fall Time
Output Load
3 ns
CL = 30 pF
T21.1 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com