Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 39 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 39 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology SST49LF016C Datasheet HTML 37Page - Microchip Technology SST49LF016C Datasheet HTML 38Page - Microchip Technology SST49LF016C Datasheet HTML 39Page - Microchip Technology SST49LF016C Datasheet HTML 40Page - Microchip Technology SST49LF016C Datasheet HTML 41Page - Microchip Technology SST49LF016C Datasheet HTML 42Page - Microchip Technology SST49LF016C Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
©2016
DS20005029B
02/16
39
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Packaging Diagrams
Figure 17:32-lead Plastic Lead Chip Carrier (PLCC)
SST Package Code: NH
.040
.030
.021
.013
.530
.490
.095
.075
.140
.125
.032
.026
.032
.026
.029
.023
.453
.447
.553
.547
.595
.585
.495
.485
.112
.106
.042
.048
.048
.042
.015 Min.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.400
BSC
32-plcc-NH-3
Note: 1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (max/min).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
4. Coplanarity: 4 mils.
.050
BSC
.050
BSC
Optional
Pin #1
Identifier
.020 R.
MAX.
R.
x 30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com