Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 1 Page - Microchip Technology

  SST49LF016C Datasheet HTML 1Page - Microchip Technology SST49LF016C Datasheet HTML 2Page - Microchip Technology SST49LF016C Datasheet HTML 3Page - Microchip Technology SST49LF016C Datasheet HTML 4Page - Microchip Technology SST49LF016C Datasheet HTML 5Page - Microchip Technology SST49LF016C Datasheet HTML 6Page - Microchip Technology SST49LF016C Datasheet HTML 7Page - Microchip Technology SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
©2016
DS20005029B
02/16
EOL Data Sheet
www.microchip.com
Features
• Operational Clock Frequency
–33 MHz
–66 MHz
• Organized as 2M x8
• Conforms to LPC Interface Specification v1.1
– Support Multi-Byte Firmware Memory Read/Write
Cycles
• Single 3.0-3.6V Read and Write Operations
• LPC Mode
– 5-signal LPC bus interface for both in-system and fac-
tory programming using programmer equipment
– Multi-Byte Read data transfer rate
15.6 MB/s @ 33 MHz PCI clock and
31.2 MB/s @ 66 MHz clock
- Firmware Memory Read cycle supporting
1, 2, 4, 16, and 128 Byte Read
- Firmware Memory Write cycle supporting
1, 2, and 4 Byte Write
– 33 MHz/66 MHz clock frequency operation
– WP#/AAI and TBL# pins provide hardware Write protect
for entire chip and/or top Boot Block
– Block Locking Registers for individual block Read-Lock,
Write-Lock, and Lock-Down protection
– 5 GPI pins for system design flexibility
– 4 ID pins for multi-chip selection
– Multi-Byte capability registers
(read-only registers)
– Status register for End-of-Write detection
– Program-/Erase-Suspend
Read or Write to other blocks during
Program-/Erase-Suspend
• Two-cycle Command Set
• Security ID Feature
– 256-bit Secure ID space
- 64-bit Unique Factory Pre-programmed Device Identi-
fier
- 192-bit User-Programmable OTP
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
– Active Read Current: 12 mA (typical)
– Standby Current: 10 µA (typical)
• Uniform 4 KByte sectors
– 35 Overlay Blocks: one 16-KByte Boot Block, two 8-
KByte Parameter Blocks, one 32-Kbyte Parameter
Block, thirty-one 64-KByte Main Blocks.
• Fast Sector-Erase/Program Operation
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Program Time: 7 µs (typical)
• Auto Address Increment (AAI) for Rapid Factory
Programming (High Voltage Enabled)
– RY/BY# pin for End-of-Write detection
– Multi-Byte Program
– Chip Rewrite Time: 4 seconds (typical)
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
– 40-lead TSOP (10mm x 20mm)
• All devices are RoHS compliant
16 Mbit LPC Serial Flash
SST49LF016C
The SST49LF016C flash memory device is designed to interface with host con-
trollers (chipsets) that support a low pin-count (LPC) interface for system firmware
applications. Complying with LPC Interface Specification 1.1, SST49LF016C sup-
ports a Burst-Read data transfer of 15.6 MBytes per second at 33 MHz clock
speed and 31.2 MBytes per second at 66 MHz clock speed, up to 128 bytes in a
single operation
Obsolete Device
Please contact Microchip Sales for replacement information.


Similar Part No. - SST49LF016C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF016C-33-4C-NHE SST-SST49LF016C-33-4C-NHE Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF016C-33-4C-WHE SST-SST49LF016C-33-4C-WHE Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF016C-66-4C-NHE SST-SST49LF016C-66-4C-NHE Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF016C-66-4C-WHE SST-SST49LF016C-66-4C-WHE Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
More results

Similar Description - SST49LF016C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
4 Mbit / 8 Mbit LPC Serial Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
16 Mbit LPC Flash
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
3 Mbit LPC Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
16 Mbit LPC Flash
02/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com