Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 2 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 2 Page - Microchip Technology

  SST49LF016C Datasheet HTML 1Page - Microchip Technology SST49LF016C Datasheet HTML 2Page - Microchip Technology SST49LF016C Datasheet HTML 3Page - Microchip Technology SST49LF016C Datasheet HTML 4Page - Microchip Technology SST49LF016C Datasheet HTML 5Page - Microchip Technology SST49LF016C Datasheet HTML 6Page - Microchip Technology SST49LF016C Datasheet HTML 7Page - Microchip Technology SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
©2016
DS20005029B
02/16
2
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Product Description
The SST49LF016C flash memory device is designed to interface with host controllers (chipsets) that
support a low-pin-count (LPC) interface for system firmware applications. Complying with LPC Inter-
face Specification 1.1, SST49LF016C supports a Burst-Read data transfer of 15.6 MBytes per second
at 33 MHz clock speed and 31.2 MBytes per second at 66 MHz clock speed, up to 128 bytes in a sin-
gle operation.
The LPC interface operates with 5 signal pins versus 28 pins of a 8-bit parallel flash memory. This
frees up pins on the ASIC host controller resulting in lower ASIC costs and a reduction in overall sys-
tem costs due to simplified signal routing. This 5-signal LPC interface supports both in-system and
rapid factory programming using programmer equipment. A high voltage pin (WP#/AAI) enables Auto
Address Increment (AAI) mode.
Via the software registers, the SST49LF016C offers hardware block protection and individual block
protection for critical system code and data. The 256-bit Security ID space is comprised of a 64-bit fac-
tory pre-programmed unique number and a 192-bit One-Time-Programmable (OTP) area. This Secu-
rity ID permits the use of new security techniques and implementation of a new data protection
scheme. To protect against inadvertent write, the SST49LF016C device has on-chip hardware and
software write protection schemes. The SST49LF016C also provides general purpose inputs (GPI) for
system design flexibility.
Manufactured with SST proprietary, high-performance SuperFlash technology, SST49LF016C has a
split-gate cell design and thick-oxide tunneling injector for greater reliability and manufacturability com-
pared with alternative technology approaches.
The SST49LF016C significantly improves performance and reliability, while lowering power consump-
tion. The total energy consumed is a function of the applied voltage, current and time of application.
Because the SST49LF016C writes in-system with a single 3.0-3.6V power supply, the total energy
consumed during any Erase or Program operation is less than alternative flash memory technologies.
The SuperFlash technology provides fixed Erase and Program time, independent of the number of
Erase/Program cycles performed. This feature eliminates system software or hardware calibration or
erase cycle correlation which is necessary with alternative flash memory technologies, whose Erase
and Program time increase with accumulated Erase/Program cycles.
The SST49LF016C product provides a maximum program time of 10 µs per byte with a single-byte
Program operation; effectively 5 µs per byte with a dual-byte Program operation and 2.5 µs per byte
with a quad-byte Program operation.
The SST49LF016C is offered in 32-PLCC, 32-TSOP, and 40-TSOP packages. See Figures 3, 4, and 5
for pin assignments and Table 1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com