Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 7 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 3Page - Microchip Technology SST49LF016C Datasheet HTML 4Page - Microchip Technology SST49LF016C Datasheet HTML 5Page - Microchip Technology SST49LF016C Datasheet HTML 6Page - Microchip Technology SST49LF016C Datasheet HTML 7Page - Microchip Technology SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology SST49LF016C Datasheet HTML 10Page - Microchip Technology SST49LF016C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
©2016
DS20005029B
02/16
7
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Pin Descriptions
Table 1: Pin Description
Symbol
Pin Name
Type1
1. I=Input, O=Output
Interface
Functions
AAI
LPC
LCLK
Clock
I
X
X
To accept a clock input from the control unit
LAD[3:0] Address
and Data
I/O
X
X
To provide LPC bus information, such as addresses and com-
mand Inputs/Outputs data.
LFRAME
#
Frame
I
X
X
To indicate the start of a data transfer operation; also used to
abort an LPC cycle in progress.
RST#
Reset
I
X
X
To reset the operation of the device
INIT#
Initialize
I
X
X
This is the second reset pin for in-system use. This pin is inter-
nally combined with the RST# pin. If this pin or RST# pin is
driven low, identical operation is exhibited.
ID[3:0]
Identification
Inputs
I
X
X
These four pins are part of the mechanism that allows multiple
parts to be attached to the same bus. The strapping of these
pins is used to identify the component. The boot device must
have ID[3:0]=0000, all subsequent devices should use sequen-
tial up-count strapping. These pins are internally pulled-down
with a resistor between 20-100 K
. When in AAI mode, these
pins operate identically as in Firmware Memory cycles.
GPI[4:0]
General
Purpose
Inputs
I
X
These individual inputs can be used for additional board flexibility.
The state of these pins can be read through LPC registers. These
inputs should be at their desired state before the start of the LPC
clock cycle during which the read is attempted, and should rem ain
in place until the end of the Read cycle. Unused GPI pins must not
be floated. GPI[2:4] are ignored when in AAI mode.
TBL#
Top Block Lock
I
X
When low, prevents programming to the boot block sectors at
top of device memory. When TBL# is high it disables hardware
write protection for the top block sectors. This pin cannot be left
unconnected. TBL# setting is ignored when in AAI mode.
WP#/AAI Write Protect
I
X
When low, prevents programming to all but the highest addressable
block (Boot Block). When WP# is high it disables hardware write
protection for these blocks. This pin cannot be left unconnected.
WP#/AAI AAI Enable
I
X
When set to the Supervoltage VH = 9V, configures the device to
program multiple bytes in AAI mode. When brought to VIL/VIH,
returns device to LPC mode.
RY/BY#
Ready/Busy#
O
X
Open drain output that indicates the device is ready to accept
data in an AAI mode, or that the internal cycle is complete.
Used in conjunction with LD# pin to switch between these two
flag states.
LD#
Load-Enable#
I
X
Input pin which when low, indicates the host is loading data in
an AAI programming cycle. If LD# is high, the host signals the
AAI interface that it is terminating a command. LD# low/high
switches the RY/BY# output from a “buffer free” flag to a “pro-
gramming complete” flag.
VDD
Power Supply
PWR
X
X
To provide power supply (3.0-3.6V)
VSS
Ground
PWR
X
X
Circuit ground (0V reference)
NC
No Connection
N/A
N/A
Unconnected pins.
T1.2 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com