Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 13 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 9Page - Microchip Technology SST49LF016C Datasheet HTML 10Page - Microchip Technology SST49LF016C Datasheet HTML 11Page - Microchip Technology SST49LF016C Datasheet HTML 12Page - Microchip Technology SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology SST49LF016C Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
©2016
DS20005029B
02/16
13
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Firmware Memory Write Cycle
Figure 7: Firmware Memory Write Cycle Waveform
Table 5: Firmware Memory Write Cycle
Clock
Cycle
Field
Name
Field
Contents
LAD[3:0]1
1. Field contents are valid on the rising edge of the present clock cycle.
LAD[3:0]
Direction
Comments
1
START
1110
IN
LFRAME# must be active (low) for the part to respond. Only the
last start field (before LFRAME# transitions high) will be recog-
nized. The START field contents (1110b) indicate a Firmware
Memory Write cycle.
2
IDSEL
0000 to
1111
IN
Indicates which SST49LF016C device should respond. If the
IDSEL (ID select) field matches the value of ID[3:0], then that par-
ticular device will respond to the whole bus cycle.
3-9
MADDR
YYYY
IN
These seven clock cycles make up the 28-bit memory address.
YYYY is one nibble of the entire address. Addresses are trans-
ferred most-significant nibble first.
10
MSIZE
KKKK
IN
The MSIZE field indicates how many bytes will be transferred
during multi-byte operations.
Device supports 1, 2, and 4 Bytes write with MSIZE = 0, 1, or 2,
and KKKK=0000b, 0001b, or 0010b.
11-A
DATA
ZZZZ
IN
A=(10+2n+1); n = MSIZE
Least significant nibble entered first.
(A+1)
TAR0
1111
IN then
Float
In this clock cycle, the master has driven the bus to all ‘1’s and
then floats the bus prior to the next clock cycle. This is the first part
of the bus “turnaround cycle.” A=(10+2n+1); n = MSIZE
(A+2)
TAR1
1111
(float)
Float
then OUT
The SST49LF016C takes control of the bus during this cycle.
A=(10+2n+1); n = MSIZE
(A+3)
RSYNC
0000
OUT
During this clock cycle, the SST49LF016C generates a “ready
sync” (RSYNC) and outputs the values 0000, indicating that it has
received data or a flash command. A=(10+2n+1); n = MSIZE
(A+4)
TAR0
1111
OUT then
Float
In this clock cycle, the SST49LF016C drives the bus to all ‘1’s and
then floats the bus prior to the next clock cycle. This is the first part
of the bus “turnaround cycle”. A=(10+2n+1); n = MSIZE
(A+5)
TAR1
1111
(float)
Float
then IN
The host resumes control of the bus during this cycle.
A=(10+2n+1); n = MSIZE
T5.0 20005029
1237 F04.0
LFRAME#
LAD[3:0]
1110b
0000b
A[23:20] A[19:16]
A[3:0]
A[7:4]
A[11:8]
A[15:12]
MADDR
Start
IDSEL
MSIZE
LCLK
A[27:24]
0000b
RSYNC
TAR1
TAR0
TAR
D0[7:4]
Tri-State
D0[3:0]
Dn[7:4]
Dn[3:0]
KKKKb
1111b
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com