Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 16 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 12Page - Microchip Technology SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology SST49LF016C Datasheet HTML 17Page - Microchip Technology SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
©2016
DS20005029B
02/16
16
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Device Commands
Device operation is controlled by commands written to the Command User Interface (CUI). Execution
of a specific command is handled by internal functions after a CUI receives and processes the com-
mand. After power-up or a Reset operation the device enters Read mode. Commands consist of one
or two sequential Bus-Write operations. The commands are summarized in Table 8, “Software Com-
mand Sequence”.
Table 8: Software Command Sequence
Command
Bus Cycles
Required
First Bus Cycle
Second Bus Cycle
Oper
Addr1
1. This value must be a valid address within the device Memory Address Space. X can be VIH or VIL, but no other value.
Data
Oper
Addr1
Data
Read-Array/Reset
1
Write
X
FFH
Read-Software-ID2/
Read-Security-ID3
2. SST Manufacturer’s ID = BFH, is read with A20-A0 = 0.
SST49LF016C Device ID = 5CH, is read with A20-A1 = 0, A0 = 1.
Following the Read-Software-ID/Read-Security-ID command,
Read operations access Manufacturer’s ID and Device ID or Security ID.
3. Following the Read-Software-ID/Read-Security-ID command, Read operations access manufacturer’s ID and Device ID
or Security ID. Read-Software-ID/Read-Security-ID and Read-Status-Register will return register data until another
valid command is written.
 2
Write
X
90H
Read
IA4
4. IA = Device Identification Address/Security ID Address.
ID5
5. ID = Data read from identifier codes/Data read from Security ID
Read-Status-Register3
2
Write
X
70H
Read
X
SRD6
6. SRD = Data read from Status register
Clear-Status-Register
1
Write
X
50H
Sector-Erase7
7. The sector or block must not be write-locked when attempting Erase or Program operations.
Attempts to issue an Erase or Program command to a write-locked sector/block will fail.
2
Write
X
30H
Write
SAx8
8. SAX for Sector-Erase Address
BAX for Block-Erase Address
D0H
Block-Erase7
2
Write
X
20H
Write
BAx
D0H
Program7,9
9. The Program command operates on multiple bytes.
2
Write
X
40H
or
10H
Write
WA10
10. WA = Address of memory location to be written
WD11
11. WD = Data to be written at location WA
Program-/Erase-Suspend
1
Write
X
B0H
Program-/Erase-Resume
1
Write
X
D0H
User-Security-ID-Program12
12. Valid addresses for the User Security ID space are from FFFC 0188H to FFFC 019FH.
2
Write
X
A5H
Write
WA10
Data
User-Security-ID-Program-Lockout
2
Write
X
85H
Write
X
00H
T8.0 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com