Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 12 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology SST49LF016C Datasheet HTML 10Page - Microchip Technology SST49LF016C Datasheet HTML 11Page - Microchip Technology SST49LF016C Datasheet HTML 12Page - Microchip Technology SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
©2016
DS20005029B
02/16
12
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Firmware Memory Cycles
Firmware Memory Read Cycle
Figure 6: Firmware Memory Read Cycle Waveform
Table 4: Firmware Memory Read Cycle Field Definitions
Clock
Cycle
Field
Name
Field
Contents
LAD[3:0]1
1. Field contents are valid on the rising edge of the present clock cycle.
LAD[3:0]
Direction
Comments
1
START
1101
IN
LFRAME# must be active (low) for the part to respond. Only the last
start field (before LFRAME# transitions high) will be recognized. The
START field contents (1101b) indicate a Firmware Memory Read
cycle.
2
IDSEL
0000 to
1111
IN
Indicates which SST49LF016C device should respond. If the
IDSEL (ID select) field matches the value of ID[3:0], then that par-
ticular device will respond to the LPC bus cycle.
3-9
MADD
R
YYYY
IN
These seven clock cycles make up the 28-bit memory address.
YYYY is one nibble of the entire address. Addresses are trans-
ferred most-significant nibble first.
10
MSIZE
KKKK
IN
The MSIZE field indicates how many bytes will be transferred
during multi-byte operations.
Device will execute multi-byte read of 2MSIZE bytes. SST49LF016C
supports only MSIZE = 0, 1, 2, 4, 7 (1, 2, 4, 16, 128 Bytes), with
KKKK=0000b, 0001b, 0010b, 0100b, or 0111b.
11
TAR0
1111
IN,
then Float
In this clock cycle, the master has driven the bus to all ‘1’s and then
floats the bus, prior to the next clock cycle. This is the first part of the
bus “turnaround cycle.”
12
TAR1
1111 (float)
Float,
then OUT
The SST49LF016C takes control of the bus during this cycle.
13
RSYN
C
0000
(READY)
OUT
During this clock cycle, the device generates a “ready sync”
(RSYNC) indicating that the device has received the input data.
The least-significant nibble of the least-significant byte will be
available during the next clock cycle.
14-A
DATA
ZZZZ
OUT
A=(13+2n+1); n = MSIZE. Least significant nibbles outputs first.
(A+1)
TAR0
1111
OUT,
then Float
In this clock cycle, the SST49LF016C drives the bus to all ones
and then floats the bus prior to the next clock cycle. This is the first
part of the bus “turnaround cycle.” A=(13+2n+1); n = MSIZE
(A+2)
TAR1
1111 (float)
Float,
then IN
The host resumes control of the bus during this cycle.
A=(13+2n+1); n = MSIZE
T4.0 20005029
1237 F03.0
LFRAME#
LAD[3:0]
1101b
0000b
A[23:20] A[19:16]
A[3:0]
A[7:4]
A[11:8]
A[15:12]
MADDR
Start
IDSEL
MSIZE
LCLK
A[27:24]
0000b
RSYNC
TAR1
TAR0
TAR
D0[7:4]
Tri-State
D0[3:0]
Dn[7:4]
Dn[3:0]
KKKKb
1111b
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com