Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF016C Datasheet(PDF) 36 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 32Page - Microchip Technology SST49LF016C Datasheet HTML 33Page - Microchip Technology SST49LF016C Datasheet HTML 34Page - Microchip Technology SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology SST49LF016C Datasheet HTML 37Page - Microchip Technology SST49LF016C Datasheet HTML 38Page - Microchip Technology SST49LF016C Datasheet HTML 39Page - Microchip Technology SST49LF016C Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
©2016
DS20005029B
02/16
36
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Figure 14:Input Timing Parameters (AAI Mode)
Table 31: Input Cycle Timing Parameters, VDD=3.0-3.6V (AAI Mode)
Symbol
Parameter
Min
Max
Units
TACYC
Clock Cycle Time
135
ns
TASU
Data Set Up Time to Clock Rising
25
ns
TADH
Clock Rising to Data Hold Time
25
ns
TRB
RY/BY# LD# Falling
25
ns
TLDSU
LD# Set Up Time
25
ns
TLDDH
LD# Hold Time
25
ns
T31.3 20005029
TASU
TADH
TACYC
Inputs Valid
1237 F13.3
LCLK
LAD [3:0]
(Valid Input Data)
VTEST
VTL
VMAX
VTH
WP#/AAI
VH
LD#
TLDSU
TLDDH
TRB
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com