Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8756 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
5
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
5.5
V
Analogue supply range
AVDD
3.0
5.5
V
Ground
AGND, DGND
0
V
Difference of DGND to AGND
-0.3
0
+0.3
V
Difference of GR to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
58
mA
Digital supply current
DVDD = 5V
22
mA
Analogue supply current
AVDD = 3.3V
57
mA
Digital supply current
DVDD = 3.3V
11
mA
Analogue supply current
Power down, stop clock
0.4
mA
Digital supply current
Power down, stop clock
0.09
mA
Table 2 DC electrical characteristics
Note:
1. AVDD must be equal or greater than DVDD. DVDD = 3V, AVDD = 5V is allowed.
2. Where used AVDD represents AVDD1 = AVDD2, AGND represents AGND1 = AGND2 = AGND3 and GR represents
GR0 = GR1 = GR2.
AC ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD = 3V, AGND = 0V = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
0.4
V
Output HIGH
VOH
IOH = 2mA
2.4
V
Analogue Reference Levels
Reference voltage
VCAP
AVDD2 –
GR2/2
V
Potential divider resistance
RCAP
25K
Ohms
DAC Output (Load = 10K ohms. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.1 x
AVDD1/5
Vrms
SNR (Note 1,2,3)
A-weighted,
@ fs = 48KHz
100
106
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96KHz
98
105
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 192KHz
105
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48KHz
AVDD=DVDD=3.3V
103
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96KHz
AVDD=DVDD=3.3V
103
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com