Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 39Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
35
RECOMMENDED EXTERNAL COMPONENTS
DVDD
DGND
AGND1
AVDD1
CAP
C
13
C
12
AGND
44
15
WM8756
NOTES:
1.
AGND and DGND should be connected as close to the WM8756 as possible.
2.
C
2, C3, C4 and C12 should be positioned as close to the W M8756 as possible.
3.
Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for optimum performance.
AVDD2
AGND2
GR0
C
3
C
4
C
5
C
2
DVDD
C
1
OUT0R
34
C
6
OUT0L
C
7
AC-Coupled
OUT0R/L
to External LPF
36
AVDD
AGND
GR1
GR2
OUT1R
30
C
8
OUT1L
C
9
AC-Coupled
OUT1R/L
to External LPF
32
OUT2R
25
C
10
OUT2L
C
11
AC-Coupled
OUT2R/L
to External LPF
27
40
21
28
29
+
35
31
26
23
+
+
45
SCKI
46
BCKIN
47
LRCIN
1
DIN1
2
DIN2
Audio PCM Data I/F
48
DIN0
3
DSD0
4
DSD1
5
DSD2
7
DSD4
8
DSD5
Audio DSD Data I/F
6
DSD3
9
DSDCLK64
ML/I2S
Software I/F or
Hardware Control
Pins 20, 22, 24,
37-39 and 41are
no connects
DSDCLK128
10
AGND3
11
MODE
12
MUTE
DGND
16
17
MC/IWL
18
MD/DM
14
DSDB
13
LRCIN2
19
CSB
33
DMSLV
42
DMCKSEL
43
Figure 30 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD.
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD.
C6 to C11
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C12
0.1
µF
C13
10
µF
Reference de-coupling capacitors for CAP pin.
Table 24 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com