Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
17
MODES OF OPERATION
Control of the various modes of operation for the WM8756 is either by software control over the serial interface, or by hard-
wired pin control. Selection of software or hardware mode is via the MODE pin. The following functions may be controlled
either via the serial control interface or by hard wiring of the appropriate pins.
Note : In DSD mode, the control interface is available but none of the functions will have any effect except the PDWN bit
because the DSD data by-passes the majority of the signal processing.
FUNCTION
OPTIONS
SOFTWARE CONTROL
DEFAULT VALUE
PIN 11: MODE = 0
HARDWARE CONTROL
BEHAVIOUR
PIN 11: MODE = 1
Input audio data format
Right justified
Left justified
I
2S format
DSP formats
FMT = 00 (default)
FMT = 01
FMT = 10
FMT = 11
Pin 16, 17: ML/I2S, MC/IWL = 00, 01 or 10
Not available in hardware mode
Pin 16, 17: ML/I2S, MC/IWL = 11
Not available in hardware mode
Input word length
16
20
24
32
IWL[1:0] = 00
IWL[1:0] = 01
IWL[1:0] = 10 (default)
IWL[1:0] = 11
Pin 16, 17: ML/I2S, MC/IWL = 00 (RJ)
Pin 16, 17: ML/I2S, MC/IWL = 01 (RJ)
Pin 16, 17: ML/I2S, MC/IWL = 10 (RJ)
Pin 16, 17: ML/I2S, MC/IWL = 11 (I
2S)
De-emphasis selection
On
Off
DEEMPH = 1
DEEMPH = 0 (Default)
Pin 18: MD/DM = 1
Pin 18: MD/DM = 0
Mute
On
Off
MUTE = 1
MUTE = 0 (default)
Pin 12: MUTE = 1
Pin 12: MUTE = 0
Input LRCIN polarity
Normal
Inverted
LRP = 0 (default)
LRP = 1
Not available in hardware mode,
default value set
Volume control
Lch, Rch
individually
Lch, Rch
common
ATC = 0; 0dB (default)
ATC = 1
Not available in hardware mode,
gain defaults to 0dB
Infinite zero detect
On
Off
IZD = 1
IZD = 0 (default)
Automute function controlled from MUTE pin
low = never mute
floating = automute enable
high = mute
Power down
Chip on
Chip off
PDWN = 0 (default)
PDWN = 1
Run SCKI
Stop SCKI
DAC output control
See Table 13
for all options
Default is PL[3:0] = 1001, stereo mode
Not available in hardware mode
Table 12 Control Function Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com