Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
12
DEVICE DESCRIPTION
INTRODUCTION
WM8756 is a complete 6-channel stereo audio digital-to-analogue converter, including digital interpolation
filter, multi-bit sigma delta with dither, and switched capacitor multi-bit stereo DAC and output smoothing
filters.
The device is implemented as three separate stereo DACs in a single package and controlled by a single
interface. Each DAC has its own data input DIN0/1/2, and LRCIN, BCKIN and SCKI are shared between
them. Additionally DSD compatible bitstream operation at 64x oversampling is supported on all 6
channels. Selection of normal PCM operation or this additional DSD mode is determined by the input
level on the DSDB pin (14).
Control of internal functionality of the device is by either hardware control (pin programmed) or software
control (3-wire serial control interface). The MODE pin selects between hardware and software control. In
software control mode, a 3 wire SPI type interface is used. This interface may be asynchronous to the
audio data interface. Control data will be re-synchronized to the audio processing internally.
Operation using a system clock of 256fs, 384fs or 512fs is provided, selection between clock rates being
automatically controlled in hardware mode, or serially controlled when in software mode. Sample rates
(fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate system clock is input. Support is
also provided for up to 192ks/s using a system clock of 128fs or 192fs.
In normal PCM mode, the audio data interface supports right, left and I
2S (Philips left justified, one bit
delayed) interface formats along with a highly flexible DSP serial port interface. When in hardware mode,
the three serial interface pins become control pins to allow selection of input data format type (I
2S or right
justified), input word length (16, 20, 24, or 32-bit) and de-emphasis functions.
In DSD mode, a separate bitstream data input pin is required for each of the 6 channels, plus a 64fs
dataclock DSDCLK64. These signals are applied via separate pins (pins 3-9) and the signals multiplexed
internally into the DAC circuits, under control of the DSDB mode select pin (14).
Additionally in DSD mode, a Phase Modulation scheme is supported, where the audio data is transmitted
as a Manchester type, bi-phase encoded bitstream. This has the advantage of removing the significant
audio spectral energy from the datastream, so minimising digital signal corruption of the analogue
outputs. In order to simplify decoding of this phase modulated data, a 2x speed clock (DSDCLK128) is
used to sample the incoming data. This ‘modulated’ mode is auto-detected from the presence of a clock
signal on the DSDCLK128 pin.
In DSD mode, clocks for the DAC can be inputs (WM8756 in SLAVE mode) or outputs (WM8756 in
MASTER mode). When clocks are outputs, SCKI remains an input, the lower rate clocks being derived by
dividing this master clock signal. Depending upon the setting on the DMCKSEL pin, a master clock of
either 256fs or 384fs may be used as input, from which the DSD clocks will be derived appropriately.
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the SCKI input pin with
no software configuration necessary. Note that on the WM8756, SCKI is used to derive clocks for the
DAC path. The DAC path consists of DAC sampling clock, DAC digital filter clock and DAC digital audio
interface timing. In a system where there are a number of possible sources for the reference clock it is
recommended that the clock source with the lowest jitter be used to optimise the performance of the
DAC.
The system clock for WM8756 supports audio sampling rates from 128fs to 768fs, where fs is the audio
sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The system clock is
used to operate the digital filters and the noise shaping circuits.
The WM8756 has a system clock detection circuit that automatically determines the relationship between
the system clock frequency and the sampling rate (to within +/- 32 system clocks). If greater than 32
clocks error, the interface switches to 768fs and holds the output at the level of the last sample. The
system clock should be synchronised with LRCIN, although the WM8756 is tolerant of phase differences
or jitter on this clock. Table 11 shows the typical system clock frequency inputs for the WM8756.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com