Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
23
ATTENUATION CONTROL (ONLY APPLICABLE TO PCM MODE)
Each DAC channel can be attenuated digitally before being applied to the digital filter. Attenuation is 0dB
by default but can be set between 0 and 127.5dB in 0.5dB steps using the 7 Attenuation control words. All
attenuation registers are double latched allowing new values to be pre-latched to several channels before
being updated synchronously. Setting the UPDATE bit on any attenuation write will cause all pre-latched
values to be immediately applied to the DAC channels. A master attenuation register is also included,
allowing all attenuations to be set to the same value in a single write.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
L0A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL0 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0000
Attenuation
DACL0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL0 in intermediate latch (no change to output)
1: Store DACL0 and update attenuation on all channels.
7:0
R0A[7:0]
11111111
(0dB)
Attenuation level of right channel DACR0 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0001
Attenuation
DACR0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR0 in intermediate latch (no change to output)
1: Store DACR0 and update attenuation on all channels.
7:0
L1A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL1 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0100
Attenuation
DACL1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL1 in intermediate latch (no change to output)
1: Store DACL1 and update attenuation on all channels.
7:0
R1A[7:0]
11111111
(0dB)
Attenuation level of right channel DACR1 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0101
Attenuation
DACR1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR1 in intermediate latch (no change to output)
1: Store DACR1 and update attenuation on all channels.
7:0
L2A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL2 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0110
Attenuation
DACL2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL2 in intermediate latch (no change to output)
1: Store DACL2 and update attenuation on all channels.
7:0
R2A[7:0]
11111111
(0dB)
Attenuation level of right channel DACR2 in 0.5dB steps, see Table 15
Attenuation Control Levels.
0111
Attenuation
DACR2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR2 in intermediate latch (no change to output)
1: Store DACR2 and update attenuation on all channels.
7:0
MASTA[7:0]
11111111
(0dB)
Attenuation of all channels in 0.5dB steps, see Table 15 Attenuation
Control Levels.
1000
Master
Attenuation
(all channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store MASTA[7:0] in all intermediate latches (no change)
1: Store MASTA[7:0] and update attenuation on all channels.
Table 14 Attenuation Register Map
Notes:
1.
The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-latch but not applied to the
relevant DAC. If UPDATE=1, all pre-latched values will be applied from the next input sample. Writing to MASTA[7:0] overwrites
any values previously sent to L0A[7:0], L1A[7:0], L2A[7:0], R0A[7:0], R1A[7:0], R2A[7:0].
2.
The attenuation level is only applied when the input data passes through midrail unless the ZCD function (register 9, bit 1) is
disabled where it will change immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com