Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
31
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
2SPD
0
Activates the split rate mode where the front channels run at 192kHz
and the rear four channels run at 96kHz.
0: Normal operation.
1: Split rate operation.
0001001
Extended
interface
control
1
ZCD
0
Controls the operation of the zero crossing detect mechanism which
ensures that the volume is only updated on each channel when the
signal passes through midrail.
0: Enable zero detect.
1: Disable zero detect.
Table 23 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com