Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
21
DE-EMPHASIS MODE
Setting the DEEMPH register bit puts the all the digital filters into de-emphasis mode:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
1
DEEMPH
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 20 - Figure 25 for details of the De-Emphasis filtering effects at different sample rates.
In hardware mode (MODE=1) driving the MD/DM pin high has the same effect as setting the DEEMPH bit:
MODE PIN
MD/DM PIN
DESCRIPTION
0
ignored
De-Emphasis controlled from DEEMPH register bit
1
0
Normal Mode
1
1
De-Emphasis Mode
POWERDOWN MODE
Setting the PDWN register bit immediately connects all outputs to VCAP and selects a low power mode.
All trace of the previous input samples is removed, but all control register settings are preserved. When
PDWN is cleared again the first 16 input samples will be ignored as the FIR will repeat it's power-on
initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
2
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
ATTENUATOR CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left and right
channels for all three pairs of DACs from the next audio input sample. No update to the attenuation
registers is required for ATC to take effect.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
3
ATC
0
Attenuator Control Mode:
0 : Right channels use Right
attenuations
1:
Right Channels use Left
Attenuations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com