Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
19
The REV[2:0] bits are used to invert the phase of the DAC outputs. REV0 controls phase of DAC0, REV1
controls phase of DAC1 and REV2 controls phase of DAC2.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
8:6
REV[2:0]
000
Output phase direction
1 in bit 6 reverses OUT0L/R.
1 in bit 7 reverses OUT1L/R.
1 in bit 8 reverses OUT2L/R.
MUTE MODES
Setting the MUTE register bit will apply a 'soft' mute to the input of the digital filters:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
0
MUTE
0
Soft Mute select
0 : Normal Operation
1: Soft mute all channels
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)
Figure 12 Application and Release of Soft Mute
Figure 12 shows the application and release of MUTE whilst a full amplitude sinusoid is being played at
48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to decay
exponentially from the DC level of the last input sample. The output will decay towards VCAP with a time
constant of approximately 64 input samples. If MUTE is applied for 1024 or more input samples, the
outputs will be connected directly to VCAP - this feature can be disabled using the IZD (infinite zero detect)
bit. When MUTE is de-asserted, the output will restart almost immediately from the current input sample.
Note that all other means of muting the DAC channels (setting the PL[3:0] bits to 0, setting the PDWN bit
or setting attenuation to 0) will cause much more abrupt muting of the output.
Setting the IZD register bit will enable the internal analogue mute feature:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
4
IZD
0
Internal Analogue Mute Disable
0 : Disable Analogue Mute
1: Enable Analogue Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com