Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8756 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
24
DAC OUTPUT ATTENUATION
Register bits [7:0] of L0A and R0A control the left and right channel attenuation of DAC 0. Register bits
[7:0] of L1A and R1A control the left and right channel attenuation of DAC 1. Register bits [7:0] of L2A and
R2A control the left and right channel attenuation of DAC 2. Register bits [7:0] of MASTA are a register
that can be used to control attenuation of all channels.
Table 15 shows how the attenuation levels are selected from the 8-bit words.
AX[7:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
01(hex)
-127.5dB
::
::
::
FE(hex)
-0.5dB
FF(hex)
0dB
Table 15 Attenuation Control Levels
EXTENDED INTERFACE CONTROL
It is possible to run the WM8756 channels at different rates with the front two channels running at twice
the rate of the rear four channels. In this mode which is enabled by bit 0 of register 9, the interface runs
at the faster data rate but pin 13 acts as the framing LRCIN for the rear channels see Figure 11.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Split rate mode
0
2SPD
0
Activates the split rate mode
0: Normal operation.
1: Split rate operation.
When the WM8756 receives updates to the volume levels it will, by default, wait for the signal to pass
through midrail before applying the change to the output. This ensures that minimal distortion is seen on
the output when the volume is changed. This function applies individually to each channel.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Zero crossing detect
1
ZCD
0
Controls the ZCD
0: Enabled.
1: Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com