Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 26Page - Analog Devices ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices ADF4356BCPZ Datasheet HTML 29Page - Analog Devices ADF4356BCPZ Datasheet HTML 30Page - Analog Devices ADF4356BCPZ Datasheet HTML 31Page - Analog Devices ADF4356BCPZ Datasheet HTML 32Page - Analog Devices ADF4356BCPZ Datasheet HTML 33Page - Analog Devices ADF4356BCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 30 of 35
FREQUENCY UPDATE SEQUENCE
Frequency updates require updating the auxiliary modulator
(MOD2) in Register 2, the fractional value (FRAC1) in Register 1,
and the integer value (INT) in Register 0. It is recommended to
perform a temperature dependent VTUNE calibration by updating
Register 10 first. Therefore, for fPFD ≤ 75 MHz, the sequence
must be as follows:
1. Register 13.
2. Register 10.
3. Register 2.
4. Register 1.
5. Ensure that >16 ADC_CLK cycles have elapsed between
the write of Register 10 and Register 0. For example, if
ADC_CLK = 99.417 kHz, wait 16/99,417 sec = 161 μs. See the
Register 10 section for more information.
6. Register 0.
For fPFD > 75 MHz (initially lock with halved fPFD), the sequence
must be as follows:
1. Register 13 (for halved fPFD).
2. Register 10.
3. Register 2 (for halved fPFD).
4. Register 1 (for halved fPFD).
5. Ensure that >16 ADC_CLK cycles have elapsed between
the write of Register 10 and Register 0. For example, if
ADC_CLK = 99.417 kHz, wait 16/99,417 sec = 161 μs. See the
Register 10 section for more information.
6. Register 0 (for halved fPFD; autocalibration enabled).
7. Register 13 (for the desired fPFD).
8. Register 2 (for the desired fPFD).
9. Register 1 (for the desired fPFD).
10. Register 0 (for desired fPFD; autocalibration disabled).
The frequency change occurs on the write to Register 0.
RF SYNTHESIZER—A WORKED EXAMPLE
Use the following equations to program the ADF4356 synthesizer:
(
)
Divider
RF
f
MOD1
MOD2
FRAC2
FRAC1
INT
RF
PFD
OUT
/
×
+
+
=
(7)
where:
RFOUT is the RF output frequency.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality (FRAC2 = (FRAC2_MSB ×
214) + FRAC2_LSB).
MOD2 is the auxiliary modulus (MOD2 = (MOD2_MSB × 214) +
MOD2_LSB).
MOD1 is the fixed 24-bit modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
D is the REFIN doubler bit.
R is the REFIN reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where a 2112.8 MHz RF frequency output (RFOUT) is
required, a 122.88 MHz reference frequency input (REFIN)
is available. Note that the ADF4356 VCO operates in the
frequency range of 3400 MHz to 6800 MHz. Therefore, the RF
divider of 2 must be used (VCO frequency = 4225.6 MHz,
RFOUT = VCO frequency/RF divider = 4225.6 MHz/2 =
2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 42). In
this example, the 122.88 MHz reference signal is divided by 2 to
generate fPFD of 61.44 MHz. The desired channel spacing is
200 kHz.
PFD
N
DIVIDER
RFOUT
fPFD
VCO
÷2
Figure 42. Loop Closed Before Output Divider
The worked example is as follows:
N = VCOOUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
INT = int(VCO frequency/fPFD) = 68
FRAC = 0.7760416666666667
MOD1 = 16,777,216
FRAC1 = int(MOD1 × FRAC) = 13,019,818
Remainder = 0.6666666667 or 2/3
MOD2 = fPFD/GCD(fPFD, fCHSP) =
61.44 MHz/GCD(61.44 MHz, 200 kHz) = 1536
FRAC2 = Remainder × 1536 = 1024
From Equation 8,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44 MHz
(9)
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/224))/2
(10)
where:
INT = 68
FRAC1 = 13,019,818
FRAC2 = 1024
MOD2 = 1536
RF Divider = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com