Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF4356BCPZ Datasheet HTML 1Page - Analog Devices ADF4356BCPZ Datasheet HTML 2Page - Analog Devices ADF4356BCPZ Datasheet HTML 3Page - Analog Devices ADF4356BCPZ Datasheet HTML 4Page - Analog Devices ADF4356BCPZ Datasheet HTML 5Page - Analog Devices ADF4356BCPZ Datasheet HTML 6Page - Analog Devices ADF4356BCPZ Datasheet HTML 7Page - Analog Devices ADF4356BCPZ Datasheet HTML 8Page - Analog Devices ADF4356BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
6.8 GHz Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4356
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 53.125 MHz to 6800 MHz
Integer channel: −227 dBc/Hz
Fractional channel: −225 dBc/Hz
Integrated RMS jitter (1 kHz to 20 MHz): 97 fs for 6 GHz output
Fractional-N synthesizer and integer-N synthesizer
Pin compatible to the ADF4355
High resolution, 52-bit modulus
Phase frequency detector (PFD) operation to 125 MHz
Reference input frequency operation to 600 MHz
Maintains frequency lock over −40°C to +85°C
Low phase noise, voltage controlled oscillator (VCO)
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
Analog and digital power supplies: 3.3 V
Charge pump and VCO power supplies: 5.0 V typical
Logic compatibility: 1.8 V
Programmable output power level
RF output mute function
Supported in the ADIsimPLL design tool
APPLICATIONS
Wireless infrastructure (LTE, W-CDMA, TD-SCDMA,
WiMAX, GSM, PCS, DCS)
Point to point/point to multipoint microwave links
Satellites/VSATs
Test equipment/instrumentation
Clock generation
GENERAL DESCRIPTION
The ADF4356 allows implementation of fractional-N or integer-N
phase-locked loop (PLL) frequency synthesizers when used with
an external loop filter and an external reference frequency. A series
of frequency dividers at another frequency output permits
operation from 53.125 MHz to 6800 MHz.
The ADF4356 has an integrated VCO with a fundamental
output frequency ranging from 3400 MHz to 6800 MHz. In
addition, the VCO frequency is connected to divide by 1, 2, 4, 8,
16, 32, or 64 circuits that allow the user to generate RF output
frequencies as low as 53.125 MHz. For applications that require
isolation, the RF output stage can be muted. The mute function
is both pin- and software-controllable.
Control of all on-chip registers is through a simple 3-wire interface.
The ADF4356 operates with analog and digital power supplies
ranging from 3.15 V to 3.45 V, with charge pump and VCO
supplies from 4.75 V to 5.25 V. The ADF4356 also contains
hardware and software power-down modes.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
CREG2
CREG1
VBIAS
VREGVCO
CLK
REFINA
REFINB
DATA
LE
AVDD
DVDD
DVDD
VP
AGND
CE
SDGND
CPGND
AGNDRF AGNDVCO
VVCO
VRF
VTUNE
VREF
RFOUTA+
RFOUTA–
RFOUTB+
RFOUTB–
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
STAGE
OUTPUT
STAGE
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
VALUE
N COUNTER
FRACTION
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
VALUE
MULTIPLEXER
LOCK
DETECT
÷1/2/4/8/16/
32/64
ADF4356
VCO
CORE
Figure 1.


Similar Part No. - ADF4356BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4356BCPZ AD-ADF4356BCPZ Datasheet
752Kb / 35P
6.8 GHz Wideband Synthesizer with Integrated VCO
6/2017-Rev. 0 to Rev. A
ADF4356BCPZ-RL7 AD-ADF4356BCPZ-RL7 Datasheet
752Kb / 35P
6.8 GHz Wideband Synthesizer with Integrated VCO
6/2017-Rev. 0 to Rev. A
More results

Similar Description - ADF4356BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
logo
RF Micro Devices
RFFC5071 RFMD-RFFC5071 Datasheet
3Mb / 20P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
logo
Analog Devices
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
Wideband Synthesizer with Integrated VCO
5/16-Rev. A to Rev. B
ADF4356 AD-ADF4356_17 Datasheet
752Kb / 35P
6.8 GHz Wideband Synthesizer with Integrated VCO
6/2017-Rev. 0 to Rev. A
logo
Qorvo, Inc
RFFC5071A QORVO-RFFC5071A Datasheet
3Mb / 27P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
logo
Analog Devices
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com