Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 9Page - Analog Devices ADF4356BCPZ Datasheet HTML 10Page - Analog Devices ADF4356BCPZ Datasheet HTML 11Page - Analog Devices ADF4356BCPZ Datasheet HTML 12Page - Analog Devices ADF4356BCPZ Datasheet HTML 13Page - Analog Devices ADF4356BCPZ Datasheet HTML 14Page - Analog Devices ADF4356BCPZ Datasheet HTML 15Page - Analog Devices ADF4356BCPZ Datasheet HTML 16Page - Analog Devices ADF4356BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 13 of 35
The FRAC2 and MOD2 fraction results in outputs with zero
frequency error for channel spacings when
fPFD/GCD(fPFD/fCHSP) < 268,435,455
(6)
where:
fPFD is the frequency of the phase frequency detector.
GCD is a greatest common denominator function.
fCHSP is the desired channel spacing frequency.
If zero frequency error is not required, the MOD1 and MOD2
denominators operate together to create a 52-bit resolution
modulus.
INT N Mode
When FRAC1 and FRAC2 are 0, the synthesizer operates in
integer-N mode.
R Counter
The 10-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 1023 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 22 is a simplified schematic of
the phase frequency detector. The PFD includes a fixed delay
element that sets the width of the antibacklash pulse. This pulse
ensures that there is no dead zone in the PFD transfer function
and provides a consistent reference spur level. Set the phase
detector polarity to positive on this device because of the
positive tuning of the VCO.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 22. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4356 allows the user to access
various internal points on the chip. The M3, M2, and M1 bits in
Register 4 control the state of MUXOUT. Figure 23 shows the
MUXOUT section in block diagram form.
SDGND
DVDD
CONTROL
MUX
MUXOUT
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R DIVIDER OUTPUT
N DIVIDER OUTPUT
SDGND
RESERVED
THREE-STATE OUTPUT
DVDD
Figure 23. MUXOUT Schematic
INPUT SHIFT REGISTERS
The ADF4356 digital section includes a 10-bit R counter, a
16-bit RF integer-N counter, a 24-bit FRAC1 counter, a 28-bit
auxiliary fractional counter, and a 28-bit auxiliary modulus
counter. Data clocks into the 32-bit shift register on each rising
edge of CLK. The data clocks in MSB first. Data transfers from
the shift register to one of 13 latches on the rising edge of LE.
The state of the four control bits (C4, C3, C2, and C1) in the
shift register determines the destination latch. As shown in
Figure 2, the four least significant bits (LSBs) are DB3, DB2,
DB1, and DB0. The truth table for these bits is shown in Table 6.
Figure 26 and Figure 27 summarize the programming of the
latches.
Table 6. Truth Table for the C4, C3, C2, and C1 Control Bits
Control Bits
Register
C4
C3
C2
C1
0
0
0
0
Register 0
0
0
0
1
Register 1
0
0
1
0
Register 2
0
0
1
1
Register 3
0
1
0
0
Register 4
0
1
0
1
Register 5
0
1
1
0
Register 6
0
1
1
1
Register 7
1
0
0
0
Register 8
1
0
0
1
Register 9
1
0
1
0
Register 10
1
0
1
1
Register 11
1
1
0
0
Register 12
1
1
0
1
Register 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com