Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 21Page - Analog Devices ADF4356BCPZ Datasheet HTML 22Page - Analog Devices ADF4356BCPZ Datasheet HTML 23Page - Analog Devices ADF4356BCPZ Datasheet HTML 24Page - Analog Devices ADF4356BCPZ Datasheet HTML 25Page - Analog Devices ADF4356BCPZ Datasheet HTML 26Page - Analog Devices ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices ADF4356BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 25 of 35
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9 DB8
DB7
DB6
DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
LD1
C3(1) C2(1) C1(1)
CONTROL
BITS
RESERVED
LD3
LD2
FRACTIONAL-N LD PRECISION
0
0
5.0ns
0
1
6.0ns
1
0
8.0ns
1
1
12.0ns
LD1
0
FRACTIONAL-N
1
INTEGER-N (2.9ns)
C4(0)
LOCK DETECT MODE
LD2
LD3
LOL
0
DISABLED
1
ENABLED
LOSS OF LOCK MODE
LOL
LD5
LD4
LOCK DETECT CYCLE COUNT
0
0
1024
0
1
2048
1
0
4096
1
1
8192
LD4
LD5
LD
CYCLE
COUNT
0
0
0
0
0
0
0
0
RESERVED
LE1
LE2
LE2
0
1
LE SYNC TO REFERENCE FALLING EDGE
LE SYNC TO REFERENCE RISING EDGE
LE1
0
DISABLED
1
LE SYNCED TO REF IN
LE SYNCHRONIZATION
LE SEL SYNC EDGE
1
Figure 35. Register 7
REGISTER 7
Control Bits
With Bits[C4:C1] set to 0111, Register 7 is programmed. Figure 35
shows the input data format for programming this register.
Reserved
Bits[DB31:DB28] are reserved and must be set to 0. DB26 is
reserved and must be set to 1. DB26 is reserved and must be set
to 1. Bits[DB24:DB10] are reserved and must be set to 0.
LE SEL Sync Edge
Bit DB27 allows selection of the synchronization load enable
(LE) edge to the falling or rising edge of the reference clock,
which is useful for applications that require synchronization to a
common reference edge (see Figure 35). To use this bit, LE sync
(Bit DB25) must be set to 1.
LE Sync
When set to 1, Bit DB25 ensures that the load enable (LE) edge
is synchronized internally with the rising edge of reference
input frequency. This synchronization prevents the rare event of
reference and RF dividers loading at the same time as a falling edge
of the reference frequency, which can lead to longer lock times.
Fractional-N Lock Detect (LD) Cycle Count
LD5 and LD4 (Bits[DB9:DB8]) set the number of consecutive
cycles counted by the lock detect circuitry before asserting lock
detect high (see Figure 35 for details).
Loss of Lock (LOL) Mode
Set the LOL mode bit (Bit DB7) to 1 when the application is a fixed
frequency application in which the reference (REFIN) is likely to be
removed, such as a clocking application. The standard lock detect
circuit assumes that REFIN is always present; however, this may not
be the case with clocking applications. To enable this functionality,
set DB7 to 1.
Fractional-N Lock Detect (LD) Precision
LD3 and LD2 (Bits[DB6:DB5]) set the precision of the lock detect
circuitry in fractional-N mode. LDP is available at 5 ns, 6 ns, 8 ns,
or 12 ns. If bleed currents are used, use 12 ns.
Lock Detect (LD) Mode
t to 0, lock detect precision is set by fractional-N lock detect
precision as described in the Fractional-N Lock Detect (LD)
Precision section. If DB4 is set to 1, lock detect precision is
2.9 ns long, which is more appropriate for integer-N
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com