Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 25Page - Analog Devices ADF4356BCPZ Datasheet HTML 26Page - Analog Devices ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices ADF4356BCPZ Datasheet HTML 29Page - Analog Devices ADF4356BCPZ Datasheet HTML 30Page - Analog Devices ADF4356BCPZ Datasheet HTML 31Page - Analog Devices ADF4356BCPZ Datasheet HTML 32Page - Analog Devices ADF4356BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 29 of 35
M14
M13
..........
M2
M1
MOD2_MSB VALUE
0
0
..........
0
0
0
0
..........
0
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16380
1
1
..........
0
1
16381
1
1
..........
1
0
16382
1
1
.........
1
1
16383
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
14-BIT AUXILIARY MODULUS MSB VALUE (MOD2_MSB)
CONTROL
BITS
M14
M13
M12
M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
C3(1) C2(0) C1(1)
C4(1)
DBR
DBR
F14
F13
..........
F2
F1
FRAC2_MSB WORD
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16381
1
1
..........
0
1
16382
1
1
..........
1
0
16382
1
1
.........
1
1
16383
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F12
F13
F14
14-BIT AUXILIARY FRACTIONAL MSB VALUE (FRAC2_LSB)
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
0
1
Figure 41. Register 13
REGISTER 13
Control Bits
With [C4:C1] set to 1101, Register 13 is programmed. Figure 41
shows the input data format for programming this register.
14-Bit Auxiliary Fractional MSB Value (FRAC2_MSB)
This value is used with the auxiliary fractional LSB value
(Register 2, Bits[DB31:DB18]) to generate the total auxiliary
fractional FRAC2 value.
FRAC2 = (FRAC2_MSB × 214) + FRAC2_LSB
These bits can be set to all zeros to ensure software
compatibility with the ADF4355.
14-Bit Auxiliary Modulus MSB Value (MOD2_MSB)
This value is used with the auxiliary fractional MSB value
(Register 2, Bits[DB17:DB4]) to generate the total auxiliary
modulus MOD2 value.
MOD2 = (MOD2_MSB × 214) + MOD2_LSB
REGISTER INITIALIZATION SEQUENCE
At initial power-up, after the correct application of voltages to
the supply pins, the ADF4356 registers must be programmed in
sequence. For f ≤ 75 MHz, use the following sequence:
1. Register 13.
2. Register 12.
3. Register 11.
4. Register 10.
5. Register 9.
6. Register 8.
7. Register 7.
8. Register 6.
9. Register 5.
10. Register 4.
11. Register 3.
12. Register 2.
13. Register 1.
14. Ensure that >16 ADC_CLK cycles have elapsed between
the write of Register 10 and Register 0. For example, if
ADC_CLK = 99.417 kHz, wait 16/99,417 sec = 161 μs. See
the Register 10 section for more information.
15. Register 0.
For fPFD > 75 MHz (initially lock with halved fPFD), use the
following sequence:
1. Register 13 (for halved fPFD).
2. Register 12.
3. Register 11.
4. Register 10.
5. Register 4 (with the R divider doubled to halve fPFD).
6. Register 9.
7. Register 8.
8. Register 7.
9. Register 6 (for the desired fPFD).
10. Register 5.
11. Register 4 (with the R divider doubled to halve fPFD).
12. Register 3.
13. Register 2 (for halved fPFD).
14. Register 1 (for halved fPFD).
15. Ensure that >16 ADC_CLK cycles have elapsed between
the write of Register 10 and Register 0. For example, if
ADC_CLK = 99.417 kHz, wait 16/99,417 sec = 161 μs. See the
Register 10 section for more information.
16. Register 0 (for halved fPFD; autocalibration enabled).
17. Register 13 (for the desired fPFD).
18. Register 4 (with the R divider set for the desired fPFD).
19. Register 2 (for the desired fPFD).
20. Register 1 (for the desired fPFD).
21. Register 0 (for the desired fPFD; autocalibration disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com